Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAPDCC0006TR Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAPDCC0006TR
Description  Low Cost Three-Way GMIC SMT Power Divider
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPDCC0006TR Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAPDCC0006TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPDCC0006TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPDCC0006TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPDCC0006TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Low Cost Three-Way GMIC SMT Power Divider,
1850 - 1990 MHz
Rev. V3
MAPDCC0006
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Typical Performance Curves
Phase Balance (Relative to RF1)
-10
-8
-6
-4
-2
0
2
4
6
8
10
1850
1888
1925
1963
2000
Frequency (MHz)
RF1
RF2
RF3
Lead-Free, SOIC-8
Reference Application Note M538 for lead-free solder reflow
recommendations.


Similar Part No. - MAPDCC0006TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCC0006TR MA-COM-MAPDCC0006TR Datasheet
94Kb / 3P
   Low Cost Three-Way GMIC SMT Power Divider, 1850 - 1990 MHz
More results

Similar Description - MAPDCC0006TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCC0006 MA-COM-MAPDCC0006 Datasheet
94Kb / 3P
   Low Cost Three-Way GMIC SMT Power Divider
MAPDCC0021 MA-COM-MAPDCC0021 Datasheet
78Kb / 3P
   Low Cost Eight-Way GMIC SMT Power Divider
MAPDCC0011 MA-COM-MAPDCC0011 Datasheet
73Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider
MAPD-007530-000100 MA-COM-MAPD-007530-000100 Datasheet
105Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0009 MA-COM-MAPDCC0009 Datasheet
80Kb / 4P
   Low Cost Four-Way GMIC SMT Power Divider
DS53-0005 MA-COM-DS53-0005 Datasheet
92Kb / 3P
   Low Cost Three-Way GMIC SMT Power Divider, 1850 - 1990 MHz
MAPD-007352-000100 MA-COM-MAPD-007352-000100 Datasheet
95Kb / 3P
   Low Cost Three-Way GMIC SMT Power Divider, 1761.5 - 2047.6 MHz
MAPDCC0010 MA-COM-MAPDCC0010 Datasheet
58Kb / 3P
   Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0015 MA-COM-MAPDCC0015_15 Datasheet
499Kb / 4P
   Low Cost Five-Way GMIC SMT Power Divider
logo
Tyco Electronics
DS53-0005 MACOM-DS53-0005 Datasheet
59Kb / 2P
   Low Cost Three-Way GMIC SMT Power Divider 1850 . 1990 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com