Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAPDCC0005 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAPDCC0005
Description  Low Cost Three Way Power Splitter/Combiner
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPDCC0005 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAPDCC0005_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPDCC0005_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPDCC0005_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPDCC0005_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAPDCC0005_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Low Cost Three Way Power Splitter/Combiner
824 – 960 MHz
Rev. V3
MAPDCC0005
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Small Size and Low Profile
 Excellent Insertion Loss 0.6 dB Typical
 Superior Repeatability
 Low Cost
 CSM, AMPS, CDPD, ARDIS, RAM Frequency
Coverage
 Lead-Free SOIC-8 Package
 100% Matte Tin Plating over Copper
 Halogen-Free “Green” Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of DS53-0001
Description
M/A-COM’s MAPDCC0005 is an IC-based mono-
lithic power divider in a low cost SOIC-8 plastic
package. This 3-way power divider is ideally suited
for applications where small size, low profile, and
low cost without sacrificing Performance, are re-
quired. Typical applications include Base Stations,
portables and PCMCIA cards for cellular applica-
tions. Available in Tape and Reel.
The MAPDCC0005 is fabricated using a passive-
integrated circuit process. The process features full-
chip passivation for increased performance and reli-
ability.
Ordering Information
Part Number
Package
MAPDCC0005
Bulk Packaging
MAPDCC0005TR
1000 piece reel
MAPDCC0005-TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Block Diagram1
Pin Configuration
Pin No.
Function
Pin No.
Function
1
GND
5
RF OUT
2
RF IN
6
GND
3
GND
7
RF OUT
4
GND
8
RF OUT
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1.
All unused pins must be RF and DC grounded.


Similar Part No. - MAPDCC0005_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPDCC0005-TB MACOM-MAPDCC0005-TB Datasheet
649Kb / 4P
   Low Cost Three Way Power Splitter/Combiner
logo
M/A-COM Technology Solu...
MAPDCC0005-TB MA-COM-MAPDCC0005-TB Datasheet
81Kb / 4P
   Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz
logo
Tyco Electronics
MAPDCC0005TR MACOM-MAPDCC0005TR Datasheet
649Kb / 4P
   Low Cost Three Way Power Splitter/Combiner
logo
M/A-COM Technology Solu...
MAPDCC0005TR MA-COM-MAPDCC0005TR Datasheet
81Kb / 4P
   Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz
More results

Similar Description - MAPDCC0005_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPDCC0005 MACOM-MAPDCC0005 Datasheet
649Kb / 4P
   Low Cost Three Way Power Splitter/Combiner
logo
M/A-COM Technology Solu...
MAPDCC0005 MA-COM-MAPDCC0005 Datasheet
81Kb / 4P
   Low Cost Three Way Power Splitter/Combiner
DS53-0001 MA-COM-DS53-0001 Datasheet
81Kb / 4P
   Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz
logo
Tyco Electronics
DS53-0001 MACOM-DS53-0001 Datasheet
110Kb / 2P
   Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz
logo
M/A-COM Technology Solu...
MAPDCC0005 MA-COM-MAPDCC0005 Datasheet
81Kb / 4P
   Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz
MAPDCC0018 MA-COM-MAPDCC0018 Datasheet
85Kb / 4P
   Low Cost Six-Way Power Splitter/Combiner
DS56-0002 MA-COM-DS56-0002 Datasheet
86Kb / 4P
   Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
MAPDCC0018 MA-COM-MAPDCC0018 Datasheet
85Kb / 4P
   Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
MAPDCC0018 MA-COM-MAPDCC0018_15 Datasheet
538Kb / 5P
   Low Cost Six-Way Power Splitter/Combiner 1700 ??2000 MHz
logo
Tyco Electronics
DS56-0002 MACOM-DS56-0002 Datasheet
115Kb / 2P
   Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com