Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TT1668 Datasheet(PDF) 8 Page - Tontek Design Technology

Part # TT1668
Description  LED Driver with Key Scan Function
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TT1668 Datasheet(HTML) 8 Page - Tontek Design Technology

Back Button TT1668 Datasheet HTML 4Page - Tontek Design Technology TT1668 Datasheet HTML 5Page - Tontek Design Technology TT1668 Datasheet HTML 6Page - Tontek Design Technology TT1668 Datasheet HTML 7Page - Tontek Design Technology TT1668 Datasheet HTML 8Page - Tontek Design Technology TT1668 Datasheet HTML 9Page - Tontek Design Technology TT1668 Datasheet HTML 10Page - Tontek Design Technology TT1668 Datasheet HTML 11Page - Tontek Design Technology TT1668 Datasheet HTML 12Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Preliminary
TT1628 / TT1668
2014/9/10
Page:8/14
Ver.:2.3
SERIAL COMMUNICATION FORMAT
The following diagram shows the TT1628/TT1668 serial communication format. The DIO Pin is an N-channel,
open-drain output pin; therefore, it is highly recommended that an external pull-up resistor (1KΩ to 10KΩ) must be
connected to DIO.
RECEPTION (DATA/COMMAND WRITE)
TRANSMISSION (DATA READ)
Where: twait (waiting time) ≥ 1µs
It must be noted that when the data is read, the waiting time (twait) between the rise of the eighth clock that has set
the command and the falling of the first clock that has read the data is greater or equal to 1µs.


Similar Part No. - TT1668

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TT16-1-KK81 MINI-TT16-1-KK81 Datasheet
180Kb / 1P
   RF Transformer
TT16-1-KK81++ MINI-TT16-1-KK81+ Datasheet
180Kb / 1P
   RF Transformer
logo
Infineon Technologies A...
TT160N16SOF INFINEON-TT160N16SOF Datasheet
743Kb / 11P
   Solder-Bond Technology
2017-06-14 Revision: 3.2
TT160N18SOF INFINEON-TT160N18SOF Datasheet
744Kb / 11P
   Solder-Bond Technology
2017-06-14 Revision: 3.1
logo
Tontek Design Technolog...
TT1620 TONTEK-TT1620 Datasheet
483Kb / 14P
   LED Driver (8 x 6)
More results

Similar Description - TT1668

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TT1628 TONTEK-TT1628 Datasheet
617Kb / 14P
   LED Driver with Key Scan Function
logo
Hitachi Semiconductor
HD66724 HITACHI-HD66724 Datasheet
834Kb / 117P
   (Graphics LCD Controller/Driver with Key Scan Function)
logo
Ceramate Technical
CM2916 CERAMATE-CM2916 Datasheet
626Kb / 22P
   LCD Driver with Key Scan(4x8)
logo
New Japan Radio
NJU6435 NJRC-NJU6435 Datasheet
447Kb / 16P
   DUTY LCD DRIVER WITH KEY SCAN
logo
LDT Co., Ltd
LD1960A LDT-LD1960A Datasheet
1Mb / 23P
   9 SEGMENT X 7 GRID LED Driver with Key scan
logo
Ceramate Technical
CM2915 CERAMATE-CM2915 Datasheet
364Kb / 19P
   LCD Driver (19x4) with Key Scan (4x8)
logo
LDT Co., Ltd
LD1960 LDT-LD1960 Datasheet
344Kb / 23P
   9 SEGMENT X 7 GRID LED Driver with key scan
logo
Hitachi Semiconductor
HD66727 HITACHI-HD66727 Datasheet
513Kb / 97P
   Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver with Key Scan Function
logo
New Japan Radio
NJU6436 NJRC-NJU6436 Datasheet
659Kb / 22P
   1/4 DUTY LCD DRIVER WITH KEY SCAN
logo
MOSDESIGN SEMICONDUCTOR...
MC88A MOSDESIGN-MC88A Datasheet
23Kb / 1P
   8 TUNES 8 KEY WITH SCAN KEY
2005-01-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com