Electronic Components Datasheet Search |
|
PI3106-01-HVIZ Datasheet(PDF) 7 Page - Vicor Corporation |
|
PI3106-01-HVIZ Datasheet(HTML) 7 Page - Vicor Corporation |
7 / 26 page Cool-Power® Rev 1.6 vicorpower.com Page 7 of 26 02/2015 800 927.9474 PI31xx-00-HVMZ Preliminary PI3108-00-HVMZ Electrical Characteristics Unless otherwise specified: 16 V < VIN < 50 V, 0 A < IOUT < 10 A, -55°C < TCASE < 100°C(1) [1] These parameters are not production tested but are guaranteed by design, characterization and correlation with statistical process control. Unless otherwise specified, ATE tests are completed at room temperature. [2] Current flow sourced by a pin has a negative sign. Parameter Symbol Conditions Min Typ Max Unit Input Specifications Input Voltage Range VIN 16 28 50 Vdc Input dv/dt (1) VINDVDT VIN = 50 V 1.0 V/µs Input Under-Voltage Turn-on VUVON IO = 10 A 14.5 15.3 16 Vdc Input Under-Voltage Turn-off VUVOFF IO = 10 A 13.5 14.1 15.2 Vdc Input Under-Voltage Hysteresis VUVH IO = 10 A 1.2 Vdc Input Over-Voltage Turn-on VOVON IO = 10 A 50 52.5 54 Vdc Input Over-Voltage Turn-off VOVOFF IO = 10 A 51 53.7 55 Vdc Input Over-Voltage Hysteresis VOVH IO = 10 A 1.2 Vdc Input Quiescent Current IQ VIN = 28 V, ENABLE = 0 V 2 mAdc Input Idling Power PIDLE VIN = 28 V, IOUT = 0 A 2.6 W Input Standby Power PSBY VIN = 28 V, ENABLE = 0 V 0.048 W Input Current Full Load IIN TCASE = 100°C IOUT = 10 A ηFL = 86% typical VIN = 28 V 1.37 Adc Input Reflected Ripple Current IINRR LIN = 0.47 µH CIN = 100 µF 63 V electrolytic 15 mApp + 2 x 4.7 µF 50 V X7R ceramic Recommended Ext Input CIN CIN = 100 µF 63 V electrolytic + 2 x 4.7 µF 50 V X7R ceramic Capacitance CIN = Cbulk + Chf 109.4 µF Output Specifications Output Voltage Set Point VOUT IOUT = 5 A 3.3 Vdc Total Output Accuracy VOA -0°C <TCASE < 100°C -3 +3 % -55°C <TCASE < 0°C -5 +3 % Output Voltage Trim Range VOADJ -10% 10% % Output Current Range IOUT 10 Adc Over Current Protection IOCP 11.0 15 20 Adc Efficiency – Full Load ηFL TCASE = 100°C, VIN = 28 V 84 86 % Efficiency – Half Load ηHL TCASE = 100°C, VIN = 28 V 80 82 % Output OVP Set Point VOVP 3.9 4.1 4.3 Vdc Output Ripple Voltage VORPP COUT = 6 x 10 µF 10 V X7R DC-20 MHz 90 mVpp Switching Frequency fSW 900 kHz Output Turn-on Delay Time tONDLY VIN = VUVON to ENABLE = 5 V; VIN rise time < 1 ms 80 ms Output Turn-off Delay Time tOFFDLY VIN = VUVOFF to ENABLE < 2.35 V 375 µs Soft-Start Ramp Time tSS ENABLE = 5 V to 90% VOUT CREF = 0 380 µs Maximum Load Capacitance COUT CREF = 0.22 µF, COUT = Al Electrolytic 4700 µF Load Transient Deviation VODV IOUT = 50% step 0.1 A/µS COUT = 6 x10 µF 10 V X7R 145 mV IOUT = 50% step 0.1 A/µS Load Transient Recovery Time tOVR COUT = 6 x10 µF 10 V X7R 100 µs VOUT - 1% Maximum Output Power POUT 33 W Absolute Maximum Output Ratings Name Rating +OUT to -OUT -0.5 V to 6.8 Vdc Continuous Output Current 10 Adc Peak Output Current 20 Adc |
Similar Part No. - PI3106-01-HVIZ |
|
Similar Description - PI3106-01-HVIZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |