Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3109-00-HVMZ Datasheet(PDF) 1 Page - Vicor Corporation

Part # PI3109-00-HVMZ
Description  Cool-Power ZVS Isolated DC-DC Converter Modules
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3109-00-HVMZ Datasheet(HTML) 1 Page - Vicor Corporation

  PI3109-00-HVMZ Datasheet HTML 1Page - Vicor Corporation PI3109-00-HVMZ Datasheet HTML 2Page - Vicor Corporation PI3109-00-HVMZ Datasheet HTML 3Page - Vicor Corporation PI3109-00-HVMZ Datasheet HTML 4Page - Vicor Corporation PI3109-00-HVMZ Datasheet HTML 5Page - Vicor Corporation PI3109-00-HVMZ Datasheet HTML 6Page - Vicor Corporation PI3109-00-HVMZ Datasheet HTML 7Page - Vicor Corporation PI3109-00-HVMZ Datasheet HTML 8Page - Vicor Corporation PI3109-00-HVMZ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Cool-Power®
Rev 1.2
vicorpower.com
Page 1 of 22
02/2015
800 927.9474
48 VIN and 3.3 - 18 VOUT, Cool-Power ZVS Isolated DC-DC Converter Modules
Cool-Power®
48 Volt
Product Description
The Cool-Power ZVS Isolated Converter Module Series
consists of high density isolated DC-DC converters
implementing Zero Voltage Switching topology.
The 48 Vin Cool-Power series operates over a wide input
range of 36 V to 75 V with 3.3 V and 12 V output models and a
narrower range of 41 V to 57 V at 18 V output for PoE and
other applications. Both model sets produce 60W of output
power, yeilding an unprecedented power density of 400
W/in3.
These converter modules are surface mountable and only
~.5" square in area achieving ~50% space reduction versus
conventional solutions.
A switching frequency of 900 kHz allows for small input and
output filter components which further reduces the total size
and cost of the overall system solution. The output voltage is
sensed and fed back to the internal controller using a
proprietary isolated magnetic feedback scheme which allows
for high bandwidth and good common mode noise immunity.
The 48 Volt PI31xx series requires no external feedback
compensation and offers a total solution with a minimum
number of external components. A rich feature set is offered,
including output voltage trim capability, output over-voltage
protection, adjustable soft-start, over-current protection with
auto-restart, over and under input voltage lockout and a
temperature monitoring and protection function that
provides an analog voltage proportional to the die
temperature as shut down and alarm capabilities.
Features
Efficiency up to 89%
High switching frequency minimizes input filter
requirements and reduces output capacitance
Proprietary “Double-Clamped” ZVS Buck-Boost Topology
Proprietary isolated magnetic feedback
Small footprint (0.57 in2) enables PCB area savings
Very low profile (0.265 in)
On/Off Control, positive logic
Wide trim range +10/-20%
Temperature Monitor (TM) &
Over-Temperature Protection (OTP)
Input UVLO & OVLO and output OVP
Over current protection with auto restart
Adjustable soft-start
2250 Vdc input to output isolation
Surface Mountable 0.87” x 0.65” x 0.265” package
Applications
Space Constrained Systems
Isolated Board Level Power
Network Power Systems
Telecommunications
Distributed Power Architecture
PoE-Power Over Ethernet
IPoL - Isolated Point of Load Power
Package Information
Surface Mountable 0.87” x 0.65” x 0.265” package
Weight = 7.8 grams
Device
Output Voltage
IOUT Max
Set
Range
PI3101-00-HVIZ
3.3 V
2.97 to 3.63 V
18 A
PI3105-00-HVIZ
12 V
9.6 to 13.2 V
5 A
PI3110-01-HVIZ
18 V
16.2 to 19.8 V
3.3 A


Similar Part No. - PI3109-00-HVMZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3109-00-HVMZ VICOR-PI3109-00-HVMZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3109-00-HVMZ VICOR-PI3109-00-HVMZ Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3109-00-HVMZ VICOR-PI3109-00-HVMZ Datasheet
2Mb / 18P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3109-00-HVMZ VICOR-PI3109-00-HVMZ Datasheet
1Mb / 26P
   28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
PI3109-00-HVMZ VICOR-PI3109-00-HVMZ Datasheet
966Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
More results

Similar Description - PI3109-00-HVMZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3106-01-HVIZ VICOR-PI3106-01-HVIZ_16 Datasheet
2Mb / 18P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ_16 Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ_16 Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI31XX-0X-HVIZ VICOR-PI31XX-0X-HVIZ Datasheet
1Mb / 22P
   48VIN and 3.3 ??18VOUT, ZVS Isolated DC-DC Converter Modules
DCM VICOR-DCM Datasheet
131Kb / 2P
   Isolated, Regulated DC-DC Converter Modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
logo
Texas Instruments
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Lineage Power Corporati...
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
logo
Texas Instruments
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
[Old version datasheet]   Series 1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Artesyn Technologies
SMT15E-12W3V3J ARTESYN-SMT15E-12W3V3J_15 Datasheet
524Kb / 3P
   POWER Non-Isolated DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com