Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3106-01-HVIZ Datasheet(PDF) 11 Page - Vicor Corporation

Part # PI3106-01-HVIZ
Description  Cool-Power ZVS Isolated DC-DC Converter Modules
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3106-01-HVIZ Datasheet(HTML) 11 Page - Vicor Corporation

Back Button PI3106-01-HVIZ Datasheet HTML 7Page - Vicor Corporation PI3106-01-HVIZ Datasheet HTML 8Page - Vicor Corporation PI3106-01-HVIZ Datasheet HTML 9Page - Vicor Corporation PI3106-01-HVIZ Datasheet HTML 10Page - Vicor Corporation PI3106-01-HVIZ Datasheet HTML 11Page - Vicor Corporation PI3106-01-HVIZ Datasheet HTML 12Page - Vicor Corporation PI3106-01-HVIZ Datasheet HTML 13Page - Vicor Corporation PI3106-01-HVIZ Datasheet HTML 14Page - Vicor Corporation PI3106-01-HVIZ Datasheet HTML 15Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Cool-Power®
Rev 1.2
vicorpower.com
Page 11 of 22
02/2015
800 927.9474
48 Volt PI31xx
PI3105-00-HVIZ Electrical Characteristics
Unless otherwise specified: 36 V < VIN < 75 V, 0 A < IOUT < 5 A, -40°C < TCASE < 100°C(1)
[1] These parameters are not production tested but are guaranteed by design, characterization and correlation with statistical process control.
Unless otherwise specified, ATE tests are completed at room temperature.
[2] Current flow sourced by a pin has a negative sign.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Specifications
Input Voltage Range
VIN
36
48
75
Vdc
Input dv/dt (1)
VINDVDT
VIN = 75 V
1.0
V/µs
Input Under-Voltage Turn-on
VUVON
IO = 5 A
32.5
34.0
35.0
Vdc
Input Under-Voltage Turn-off
VUVOFF
IO = 5 A
30.5
31.5
33
Vdc
Input Under-Voltage Hysteresis
VUVH
IO = 5 A
2.5
Vdc
Input Over-Voltage Turn-on
VOVON
IO = 5 A
75.7
78
81.0
Vdc
Input Over-Voltage Turn-off
VOVOFF
IO = 5 A
77.7
80
82.3
Vdc
Input Over-Voltage Hysteresis
VOVH
IO = 5 A
2
Vdc
Input Quiescent Current
IQ
VIN = 48 V, ENABLE = 0 V
2.5
mAdc
Input Idling Power
PIDLE
VIN = 48 V, IOUT = 0 A
4.1
W
Input Standby Power
PSBY
VIN = 48 V, ENABLE = 0 V
0.120
W
Input Current Full Load
IIN
TCASE = 100°C IOUT = 5 A
ηFL = 88.5% typical VIN = 48 V
1.412
Adc
Input Reflected Ripple Current
IINRR
LIN = 2 µH CIN = 47 µF 100 V electrolytic
10
mApp
+ 2 x 1 µF 100 V X7R ceramic
Recommended Ext Input
CIN
CIN = 47 µF 100 V electrolytic + 2 x 1 µF 100 V X7R ceramic
Capacitance
CIN = Cbulk + Chf
49
µF
Output Specifications
Output Voltage Set Point
VOUT
IOUT = 2.5 A
12.0
Vdc
Total Output Accuracy
VOA
0°C <TCASE < 100°C
-3
+3
%
-40°C <TCASE < 0°C
-4
+3
%
Output Voltage Trim Range
VOADJ
-20%
10%
%
Output Current Range
IOUT
5Adc
Over Current Protection
IOCP
5.5
7.9
10
Adc
Efficiency – Full Load
ηFL
TCASE = 100°C, VIN = 48 V
86.5
88.5
%
Efficiency – Half Load
ηHL
TCASE = 100°C, VIN = 48 V
84.0
86.0
%
Output OVP Set Point
VOVP
13.8
14.5
15.3
Vdc
Output Ripple Voltage
VORPP
COUT = 6 x 4.7 µF 16 V X7R DC-20 MHz
175
mVpp
Switching Frequency
fSW
900
kHz
Output Turn-on Delay Time
tONDLY
VIN = VUVON to ENABLE = 5 V
80
ms
Output Turn-off Delay Time
tOFFDLY
VIN = VUVOFF to ENABLE < 1.8 V
10
µs
Soft-Start Ramp Time
tSS
ENABLE = 5 V to 90% VOUT CREF = 0
230
µs
Maximum Load Capacitance
COUT
CREF = 0.22 µF, COUT = Al Electrolytic
1200
µF
Load Transient Deviation
VODV
IOUT = 50% step 0.1 A/µS
COUT = 6 x 4.7 µF 16 V X7R
220
mV
IOUT = 50% step 0.1 A/µS
Load Transient Recovery Time
tOVR
COUT = 6 x 4.7 µF 16 V X7R
120
µs
VOUT - 1%
Maximum Output Power
POUT
60
W
Absolute Maximum Output Ratings
Name
Rating
+OUT to -OUT
-0.5 V to 16 Vdc
Continuous Output Current
5 Adc
Peak Output Current
10 Adc


Similar Part No. - PI3106-01-HVIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3106-01-HVIZ VICOR-PI3106-01-HVIZ Datasheet
551Kb / 15P
   18-36V Input, 12V / 4.2A / 50W Output Very High Density Isolated DC-DC Converter (334W/in3)
PI3106-01-HVIZ VICOR-PI3106-01-HVIZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-01-HVIZ VICOR-PI3106-01-HVIZ Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-01-HVIZ VICOR-PI3106-01-HVIZ Datasheet
2Mb / 18P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-01-HVIZ VICOR-PI3106-01-HVIZ Datasheet
1Mb / 26P
   28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
More results

Similar Description - PI3106-01-HVIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3106-01-HVIZ VICOR-PI3106-01-HVIZ_16 Datasheet
2Mb / 18P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3105-00-HVIZ VICOR-PI3105-00-HVIZ_16 Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ_16 Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI31XX-0X-HVIZ VICOR-PI31XX-0X-HVIZ Datasheet
1Mb / 22P
   48VIN and 3.3 ??18VOUT, ZVS Isolated DC-DC Converter Modules
DCM VICOR-DCM Datasheet
131Kb / 2P
   Isolated, Regulated DC-DC Converter Modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
logo
Texas Instruments
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Lineage Power Corporati...
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
logo
Texas Instruments
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
[Old version datasheet]   Series 1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Artesyn Technologies
SMT15E-12W3V3J ARTESYN-SMT15E-12W3V3J_15 Datasheet
524Kb / 3P
   POWER Non-Isolated DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com