Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3106-00-HVMZ Datasheet(PDF) 6 Page - Vicor Corporation

Part # PI3106-00-HVMZ
Description  Cool-Power ZVS Isolated DC-DC Converter Modules
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3106-00-HVMZ Datasheet(HTML) 6 Page - Vicor Corporation

Back Button PI3106-00-HVMZ Datasheet HTML 2Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 3Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 4Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 5Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 6Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 7Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 8Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 9Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Cool-Power®
Rev 1.6
vicorpower.com
Page 6 of 26
02/2015
800 927.9474
PI31xx-00-HVMZ
U.S. PATS. LISTED ON PACKING MATERIALS & DATASHEETS
MADE
IN
USA
Cool-Power
+IN
-IN
+OUT
-OUT
SGND
TM
TRIM/SS
ENABLE
Package Pin-Out
Pin Name
Description
+IN
Primary side positive input voltage terminals.
-IN
Primary side negative input voltage terminals.
ENABLE
Converter enable option, functions as 5V reference and on/off control pin. Pull low for off.
TRIM/SS
External soft start pin and trim function. Connect to SGND or ENABLE through resistor for trim up or trim down.
TM
Temperature measurement output pin.
SGND
Signal ground, primary side referenced.
+OUT
Isolated secondary DC output voltage positive terminals.
-OUT
Isolated secondary DC output voltage negative terminals.
Pin Description


Similar Part No. - PI3106-00-HVMZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ Datasheet
552Kb / 15P
   16-50V Input, 12V / 4.2A / 50W Output Very High Density Isolated DC-DC Converter (334W/in3)
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ Datasheet
2Mb / 18P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ Datasheet
1Mb / 26P
   28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
More results

Similar Description - PI3106-00-HVMZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3106-01-HVIZ VICOR-PI3106-01-HVIZ_16 Datasheet
2Mb / 18P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3105-00-HVIZ VICOR-PI3105-00-HVIZ_16 Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ_16 Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI31XX-0X-HVIZ VICOR-PI31XX-0X-HVIZ Datasheet
1Mb / 22P
   48VIN and 3.3 ??18VOUT, ZVS Isolated DC-DC Converter Modules
DCM VICOR-DCM Datasheet
131Kb / 2P
   Isolated, Regulated DC-DC Converter Modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
logo
Texas Instruments
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Lineage Power Corporati...
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
logo
Texas Instruments
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
[Old version datasheet]   Series 1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Artesyn Technologies
SMT15E-12W3V3J ARTESYN-SMT15E-12W3V3J_15 Datasheet
524Kb / 3P
   POWER Non-Isolated DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com