Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3106-01-HVIZ Datasheet(PDF) 4 Page - Vicor Corporation

Part # PI3106-01-HVIZ
Description  Cool-Power ZVS Isolated DC-DC Converter Modules
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3106-01-HVIZ Datasheet(HTML) 4 Page - Vicor Corporation

  PI3106-01-HVIZ_16 Datasheet HTML 1Page - Vicor Corporation PI3106-01-HVIZ_16 Datasheet HTML 2Page - Vicor Corporation PI3106-01-HVIZ_16 Datasheet HTML 3Page - Vicor Corporation PI3106-01-HVIZ_16 Datasheet HTML 4Page - Vicor Corporation PI3106-01-HVIZ_16 Datasheet HTML 5Page - Vicor Corporation PI3106-01-HVIZ_16 Datasheet HTML 6Page - Vicor Corporation PI3106-01-HVIZ_16 Datasheet HTML 7Page - Vicor Corporation PI3106-01-HVIZ_16 Datasheet HTML 8Page - Vicor Corporation PI3106-01-HVIZ_16 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Cool-Power®
Rev 1.4
vicorpower.com
Page 4 of 18
02/2015
800 927.9474
PI31xx-01-HVIZ
Name
Rating
+IN to -IN Max Operating Voltage
-1.0 to 36 Vdc (operating)
+IN to -IN Max Peak Voltage
45 Vdc (non-operating, 100 ms)
ENABLE to –IN
-0.3 to 6.0 Vdc
TM to –IN
-0.3 to 6.0 Vdc
TRIM/SS to –IN
-0.3 to 6.0 Vdc
+OUT to –OUT
See relevant model output section
Continuous Output Current
See relevant model output section
Peak Output Current
See relevant model output section
Operating Junction Temperature
-40 to 125°C
Storage Temperature
-50 to 125°C
Case Temperature During Reflow
245°C
Absolute Maximum Ratings


Similar Part No. - PI3106-01-HVIZ_16

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3106-01-HVIZ VICOR-PI3106-01-HVIZ Datasheet
551Kb / 15P
   18-36V Input, 12V / 4.2A / 50W Output Very High Density Isolated DC-DC Converter (334W/in3)
PI3106-01-HVIZ VICOR-PI3106-01-HVIZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-01-HVIZ VICOR-PI3106-01-HVIZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-01-HVIZ VICOR-PI3106-01-HVIZ Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-01-HVIZ VICOR-PI3106-01-HVIZ Datasheet
1Mb / 26P
   28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
More results

Similar Description - PI3106-01-HVIZ_16

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3105-00-HVIZ VICOR-PI3105-00-HVIZ_16 Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ_16 Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ_16 Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI31XX-0X-HVIZ VICOR-PI31XX-0X-HVIZ Datasheet
1Mb / 22P
   48VIN and 3.3 ??18VOUT, ZVS Isolated DC-DC Converter Modules
DCM VICOR-DCM Datasheet
131Kb / 2P
   Isolated, Regulated DC-DC Converter Modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
logo
Texas Instruments
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Lineage Power Corporati...
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
logo
Texas Instruments
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
[Old version datasheet]   Series 1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Artesyn Technologies
SMT15E-12W3V3J ARTESYN-SMT15E-12W3V3J_15 Datasheet
524Kb / 3P
   POWER Non-Isolated DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com