Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3101-00-HVIZ Datasheet(PDF) 6 Page - Vicor Corporation

Part # PI3101-00-HVIZ
Description  Cool-Power ZVS Isolated DC-DC Converter Modules
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3101-00-HVIZ Datasheet(HTML) 6 Page - Vicor Corporation

Back Button PI3101-00-HVIZ_16 Datasheet HTML 2Page - Vicor Corporation PI3101-00-HVIZ_16 Datasheet HTML 3Page - Vicor Corporation PI3101-00-HVIZ_16 Datasheet HTML 4Page - Vicor Corporation PI3101-00-HVIZ_16 Datasheet HTML 5Page - Vicor Corporation PI3101-00-HVIZ_16 Datasheet HTML 6Page - Vicor Corporation PI3101-00-HVIZ_16 Datasheet HTML 7Page - Vicor Corporation PI3101-00-HVIZ_16 Datasheet HTML 8Page - Vicor Corporation PI3101-00-HVIZ_16 Datasheet HTML 9Page - Vicor Corporation PI3101-00-HVIZ_16 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Cool-Power®
Rev 1.2
vicorpower.com
Page 6 of 22
02/2015
800 927.9474
48 Volt PI31xx
Package Pin-Out
Pin Name
Description
+IN
Primary side positive input voltage terminals.
-IN
Primary side negative input voltage terminals.
ENABLE
Converter enable option, functions as 5V reference and on/off control pin. Pull low for off.
TRIM/SS
External soft start pin and trim function. Connect to SGND or ENABLE through resistor for trim up or trim down.
TM
Temperature measurement output pin.
SGND
Signal ground, primary side referenced.
+OUT
Isolated secondary DC output voltage positive terminals.
-OUT
Isolated secondary DC output voltage negative terminals.
Pin Description
U.S. PATS. LISTED ON PACKING MATERIALS & DATASHEETS
MADE
IN
USA
Cool-Power
+IN
-IN
+OUT
-OUT
SGND
TM
TRIM/SS
ENABLE


Similar Part No. - PI3101-00-HVIZ_16

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ Datasheet
1Mb / 18P
   36-75V Input, 3.3V / 18A / 60W Output Very High Density Isolated DC-DC Converter (400W/in3)
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ Datasheet
2Mb / 18P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ Datasheet
1Mb / 26P
   28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
More results

Similar Description - PI3101-00-HVIZ_16

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3106-01-HVIZ VICOR-PI3106-01-HVIZ_16 Datasheet
2Mb / 18P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3105-00-HVIZ VICOR-PI3105-00-HVIZ_16 Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ_16 Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI31XX-0X-HVIZ VICOR-PI31XX-0X-HVIZ Datasheet
1Mb / 22P
   48VIN and 3.3 ??18VOUT, ZVS Isolated DC-DC Converter Modules
DCM VICOR-DCM Datasheet
131Kb / 2P
   Isolated, Regulated DC-DC Converter Modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
logo
Texas Instruments
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Lineage Power Corporati...
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
logo
Texas Instruments
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
[Old version datasheet]   Series 1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Artesyn Technologies
SMT15E-12W3V3J ARTESYN-SMT15E-12W3V3J_15 Datasheet
524Kb / 3P
   POWER Non-Isolated DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com