Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCM3714XD2H53E0YZZ Datasheet(PDF) 5 Page - Vicor Corporation

Part # DCM3714XD2H53E0YZZ
Description  Regulated DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

DCM3714XD2H53E0YZZ Datasheet(HTML) 5 Page - Vicor Corporation

  DCM3714XD2H53E0YZZ Datasheet HTML 1Page - Vicor Corporation DCM3714XD2H53E0YZZ Datasheet HTML 2Page - Vicor Corporation DCM3714XD2H53E0YZZ Datasheet HTML 3Page - Vicor Corporation DCM3714XD2H53E0YZZ Datasheet HTML 4Page - Vicor Corporation DCM3714XD2H53E0YZZ Datasheet HTML 5Page - Vicor Corporation DCM3714XD2H53E0YZZ Datasheet HTML 6Page - Vicor Corporation DCM3714XD2H53E0YZZ Datasheet HTML 7Page - Vicor Corporation DCM3714XD2H53E0YZZ Datasheet HTML 8Page - Vicor Corporation DCM3714XD2H53E0YZZ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Electrical Specifications
Specifications apply over all line, trim and load conditions, internal temperature TINT = 25ºC, unless otherwise noted. Boldface specifications apply over the
temperature range specified by the product grade.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Power Input Specification
Input voltage range
VIN
Continuous operation
200
300
420
V
Inrush current (peak)
IINRP
With maximum COUT-EXT, full resistive load
7.0
A
Input capacitance (internal)
CIN-INT
Effective value at nominal input voltage
0.8
µF
Input capacitance (internal) ESR
RCIN-INT
At 1 MHz
2.50
m
Ω
Input inductance (external)
LIN
Differential mode, with no further line bypassing
5
µH
No Load Specification
Input power – disabled
PQ
Nominal line, see Fig. 3
1.0
1.8
W
Worst case line, see Fig. 3
2.0
W
Input power – enabled with no load
PNL
Nominal line, see Fig. 4
5.8
7.8
W
Worst case line, see Fig. 4
8.0
W
Power Output Specification
Output voltage set point
VOUT-NOM
47.76
48.0
48.24
V
Rated output voltage trim range
VOUT-TRIMMING
Trim range over temp.
Specifies the Low, Nominal and High Trim conditions.
28.8
48.0
52.8
V
VOUT accuracy
%VOUT-
ACCURACY
Total output voltage setpoint accuracy for all line
conditions and for all load conditions above 10%
of rated load, with trim inactive and SENSE pins
connected (either at the load for remote sense, or at
the DCM output for local sense)
0.5
%
VOUT accuracy with Sense Pins
floating
%VOUT-
ACCURACY-SF
Total output voltage setpoint accuracy for all line
conditions and for all load conditions above 10%
of rated load, with trim inactive and Sense Pins
floating (Local Sense only)
1.0
%
VOUT accuracy with trim active
%VOUT-
ACCURACY-TRIM
Total output voltage setpoint accuracy for all line
conditions and for all load conditions above 10%
of rated load, with trim active
2.0
%
VOUT accuracy light load
%VOUT-
ACCURACY-LL
Total output voltage setpoint accuracy for all line and
trim conditions, for load conditions below or equal to
10% of rated load
5.0
%
Rated output power
POUT
Continuous, VOUT
≥ 48.0 V
500
W
Rated output current
IOUT
Continuous, VOUT
≤ 48.0 V
10.42
A
Output current limit
IOUT-LM
Of rated IOUT max. Fully operational current limit, for
nominal trim and below
100
120
135
%
Current limit delay
tIOUT-LIM
The module will power limit in a fast transient event
1
ms
Efficiency
η
Full load, nominal line, nominal trim
91.4
93.4
%
Full load, over line and temperature, nominal trim
90.3
%
50% load, over rated line, temperature and trim
90.8
%
Output voltage ripple
VOUT-PP
Over all operating steady-state line, load and trim
conditions, 20 MHz BW, with minimum COUT-EXT
220
mV
Output capacitance (internal)
COUT-INT
Effective value at nominal output voltage
34
µF
Output capacitance (internal) ESR
RCOUT-INT
At 1 MHz
0.22
m
Ω
DCM3714xD2H53E0yzz
DCMin a VIA Package
Rev 1.3
vicorpower.com
Page 5 of 23
03/2016
800 927.9474


Similar Part No. - DCM3714XD2H53E0YZZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM3714XD2H53E0YZZ VICOR-DCM3714XD2H53E0YZZ Datasheet
3Mb / 23P
   Isolated, Regulated DC Converter
DCM3714XD2H53E0YZZ VICOR-DCM3714XD2H53E0YZZ_17 Datasheet
3Mb / 23P
   Isolated, Regulated DC Converter
More results

Similar Description - DCM3714XD2H53E0YZZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM300P138X500A40 VICOR-DCM300P138X500A40 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM3414X50M26C2YZZ VICOR-DCM3414X50M26C2YZZ Datasheet
1Mb / 22P
   Regulated DC Converter
DCM3714XD2H26F0YZZ VICOR-DCM3714XD2H26F0YZZ Datasheet
1Mb / 23P
   Regulated DC Converter
DCM48AP360X320A50 VICOR-DCM48AP360X320A50 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM290Y138X600A40 VICOR-DCM290Y138X600A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM24AP150X320A50 VICOR-DCM24AP150X320A50 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM24AP240X320A50 VICOR-DCM24AP240X320A50 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM300P280X500A40 VICOR-DCM300P280X500A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM300P240X600A40 VICOR-DCM300P240X600A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM48AP150T320A50 VICOR-DCM48AP150T320A50 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM48AP480T320A50 VICOR-DCM48AP480T320A50 Datasheet
1Mb / 25P
   Regulated DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com