Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27321P Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27321P
Description  Single 9-A High-Speed Low-Side Mosfet Driver With Enable
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27321P Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC27321P Datasheet HTML 4Page - Texas Instruments UCC27321P Datasheet HTML 5Page - Texas Instruments UCC27321P Datasheet HTML 6Page - Texas Instruments UCC27321P Datasheet HTML 7Page - Texas Instruments UCC27321P Datasheet HTML 8Page - Texas Instruments UCC27321P Datasheet HTML 9Page - Texas Instruments UCC27321P Datasheet HTML 10Page - Texas Instruments UCC27321P Datasheet HTML 11Page - Texas Instruments UCC27321P Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
0
10
20
30
40
50
60
70
4
16
6
8
10
14
12
VDD – Supply Voltage – V
tA = 105°C
tA = 25°C
tA = 0°C
CLOAD = 10 n F
t = – 40 C
A
°
0
10
20
30
40
50
60
70
4
16
6
8
10
14
12
tA = 105°C
tA = 25°C
tA = 0°C
VDD -- Supply Voltage -- V
t = –40 C
A
°
C LOAD = 10 nF
600
700
400
800
500
100
200
300
0
-- 50
125
-- 25
0
2
5
5
0
100
75
ENBL
OW
= L
IN
IIGH
= H
ENBL
IIGH
= H
IN
IIGH
=H
ENBL
OW
= L
IN
OW
= L
ENBL
IIGH
= H
IN
OW
= L
T – Temperature – C
J
°
600
700
400
800
500
100
200
300
0
-- 50
125
-- 25
0
2
5
5
0
100
75
ENBL = LO
IN = HI
ENBL = HI
IN = HI
ENBL = LO
IN = LO
ENBL = HI
IN = LO
T – Temperature – C
J
°
600
700
400
500
100
200
300
0
0
16
2
4
6
8
14
12
10
ENBL = 0V
IN = 0V
ENBL = 0V
IN = 5V
ENBL = VDD
IN = 5V
ENBL = VDD
V
– Supply Voltage – V
DD
, IN = 0V
600
700
400
500
100
200
300
0
0
16
2
4
6
8
14
12
10
ENBL = VDD
IN = 5V
ENBL = 0V
IN = 0V
ENBL = VDD
ENBL = 0V
IN = 5V
V
– Supply Voltage – V
DD
, IN = 0V
UCC27321, UCC27322
UCC37321, UCC37322
SLUS504H – SEPTEMBER 2002 – REVISED JANUARY 2016
www.ti.com
7.8 Typical Characteristics
Figure 3. Input Current Idle vs Supply Voltage (UCCx7321)
Figure 4. Input Current Idle vs Supply Voltage (UCCx7322)
Figure 5. Input Current Idle vs Temperature (UCCx7321)
Figure 6. Input Current Idle vs Temperature (UCCx7322)
Figure 8. Fall Time vs Supply Voltage
Figure 7. Rise Time vs Supply Voltage
8
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated


Similar Part No. - UCC27321P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27321P TI-UCC27321P Datasheet
357Kb / 21P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE
UCC27321P TI-UCC27321P Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321P TI1-UCC27321P Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC27321PE4 TI-UCC27321PE4 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321PE4 TI1-UCC27321PE4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
More results

Similar Description - UCC27321P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27322-EP TI1-UCC27322-EP_15 Datasheet
1,014Kb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI1-UCC27322-EP_16 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321 Datasheet
357Kb / 21P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1 Datasheet
925Kb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321_08 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_13 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI-UCC27322-EP Datasheet
496Kb / 22P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com