Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8680603V2A Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-8680603V2A
Description  Current-Mode PWM Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-8680603V2A Datasheet(HTML) 11 Page - Texas Instruments

Back Button 5962-8680603V2A Datasheet HTML 7Page - Texas Instruments 5962-8680603V2A Datasheet HTML 8Page - Texas Instruments 5962-8680603V2A Datasheet HTML 9Page - Texas Instruments 5962-8680603V2A Datasheet HTML 10Page - Texas Instruments 5962-8680603V2A Datasheet HTML 11Page - Texas Instruments 5962-8680603V2A Datasheet HTML 12Page - Texas Instruments 5962-8680603V2A Datasheet HTML 13Page - Texas Instruments 5962-8680603V2A Datasheet HTML 14Page - Texas Instruments 5962-8680603V2A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
UC1846-SP
www.ti.com
SLUS871C – JANUARY 2009 – REVISED OCTOBER 2015
Feature Description (continued)
7.3.2 Oscillator
Figure 8 highlights the oscillator circuit. Connecting a resistor RT from pin 9 to ground establishes a current,
which is mirrored to pin 8 and charges the capacitor connected from pin 8 to ground. Maximum on-time
corresponds to the maximum charging time of the timing capacitor. Oscillator frequency can be determined by
Equation 5.
Off-time corresponds to capacitor discharge time establishes the converter dead time between the pulses
according to Equation 4. Internal 8-mA current sink discharges the CT pin capacitor.
7.3.3 Slope Compensation
For duty cycle above 50% slope compensating can be implemented by using a buffer (that is, 2N2222) and
connecting base to timing capacitor pin 8 , collector to VREF (5 V), a resistor in series with emitter connected to
(pin 4) CS+ of differential current sense amplifier. Injecting a downslope proportional to the sawtooth into current
sense amplifier.
As with any bipolar PWM IC, outputs should be protected from negatively biasing the substrate. This is typically
done by using Schottky diodes from ground to each output. Failure to do this could cause spurious interruption
and restart of the oscillator, dropping of output pulses and a significant increase in propagation delays.
7.3.4 Error Amplifier
UC1846-SP incorporates an error amplifier with typical open loop gain of 100 db and gain bandwidth of 1.5 MHz.
With Source and sink capability of 10 mA and 0.5 mA respectively.
Error amplifier sources up to 0.5 mA.
Figure 4. Error Amplifier Output Configuration
7.3.5 Current Sense Amplifier
UC1846-SP incorporates a differential current sense amplifier which can eliminate ground loop problems and
increase noise immunity. An R-C snubber can also be implemented thus helping in blanking the peak current
spike when the switch is turned on. The input of the current sense amplifier is slew rate limited allowing lower
values of filter capacitors to be used to eliminate leading edge noise.
A small RC filter may be required in some applications to reduce switch transients. Differential input allows remote,
noise-free sensing.
Figure 5. Current-Sense Amplifier Connections
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: UC1846-SP


Similar Part No. - 5962-8680603V2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-8680603V2A TI1-5962-8680603V2A Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
5962-8680603V2A TI1-5962-8680603V2A Datasheet
644Kb / 29P
[Old version datasheet]   Class-V, Radiation Hardened PWM Controller
More results

Similar Description - 5962-8680603V2A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com