Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC437MS8G Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC437MS8G
Description  SMT GaAs HBT MMIC DIVIDE-BY-3, DC - 7.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC437MS8G Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC437MS8G Datasheet HTML 1Page - Hittite Microwave Corporation HMC437MS8G Datasheet HTML 2Page - Hittite Microwave Corporation HMC437MS8G Datasheet HTML 3Page - Hittite Microwave Corporation HMC437MS8G Datasheet HTML 4Page - Hittite Microwave Corporation HMC437MS8G Datasheet HTML 5Page - Hittite Microwave Corporation HMC437MS8G Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MICROWAVE CORPORATION
10 - 95
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
10
HMC437MS8G
SMT GaAs HBT MMIC
DIVIDE-BY-3, DC - 7.0 GHz
v01.1002
Application Circuit


Similar Part No. - HMC437MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC437MS8G HITTITE-HMC437MS8G Datasheet
233Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-3, DC - 7 GHz
HMC437MS8G HITTITE-HMC437MS8G Datasheet
311Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-3, DC - 7.0 GHz
logo
Analog Devices
HMC437MS8G AD-HMC437MS8G Datasheet
359Kb / 6P
   MS8G SMT Package
logo
Hittite Microwave Corpo...
HMC437MS8GE HITTITE-HMC437MS8GE Datasheet
233Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-3, DC - 7 GHz
logo
Analog Devices
HMC437MS8GE AD-HMC437MS8GE Datasheet
359Kb / 6P
   MS8G SMT Package
More results

Similar Description - HMC437MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC437MS8G HITTITE-HMC437MS8G_06 Datasheet
311Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-3, DC - 7.0 GHz
HMC438MS8G HITTITE-HMC438MS8G Datasheet
228Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7.0 GHz
HMC438MS8G HITTITE-HMC438MS8G_07 Datasheet
278Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7.0 GHz
HMC437MS8G HITTITE-HMC437MS8G_10 Datasheet
233Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-3, DC - 7 GHz
HMC432 HITTITE-HMC432 Datasheet
226Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 8.0 GHz
logo
Analog Devices
HMC363G8 AD-HMC363G8 Datasheet
324Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
logo
Hittite Microwave Corpo...
HMC361S8G HITTITE-HMC361S8G_06 Datasheet
358Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz
HMC365G8 HITTITE-HMC365G8_06 Datasheet
330Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC363S8G HITTITE-HMC363S8G_06 Datasheet
358Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz
HMC364S8G HITTITE-HMC364S8G_06 Datasheet
360Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 12.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com