Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65014 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS65014
Description  Power- and Battery-Management IC
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65014 Datasheet(HTML) 3 Page - Texas Instruments

  TPS65014_15 Datasheet HTML 1Page - Texas Instruments TPS65014_15 Datasheet HTML 2Page - Texas Instruments TPS65014_15 Datasheet HTML 3Page - Texas Instruments TPS65014_15 Datasheet HTML 4Page - Texas Instruments TPS65014_15 Datasheet HTML 5Page - Texas Instruments TPS65014_15 Datasheet HTML 6Page - Texas Instruments TPS65014_15 Datasheet HTML 7Page - Texas Instruments TPS65014_15 Datasheet HTML 8Page - Texas Instruments TPS65014_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 69 page
background image
ISET
TS
BATT_COVER
AC
VBAT_A
VBAT_B
USB
AGND2
AGND3
PGND2
PB_ONOFF
VCORE
37
38
39
40
41
42
43
44
45
46
47
48
24
23
22
21
20
19
18
17
16
15
14
13
1
2 3
4 5 6 7
8 9 10 11 12
36 35 34 33 32 31 30 29 28 27 26 25
VLDO1
VFB_LDO1
VINLDO1
AGND1
VLDO2
VINLDO2
GPIO3
GPIO4
PGND1_B
PGND1_A
PS_SEQ
VMAIN
NC − No internal connection
TPS65014
www.ti.com
SLVS551A – DECEMBER 2004 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
RGZ Package
48-Pin VQFN
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
CHARGER SECTION
Charger input voltage from AC adapter. The AC pin can be left open or can be connected to
AC
40
I
ground if the charger is not used.
AGND2
44
Analog ground connection. All analog ground pins are connected internally on the chip.
ISET
37
I
External charge current setting resistor connection for use with AC adapter
PG
11
O
Indicates when a valid power supply is present for the charger (open-drain)
TS
38
I
Battery temperature sense input
Charger input voltage from USB port. The USB pin can be left open or can be connected to
USB
43
I
ground if the charger is not used.
VBAT_A
41
I
Sense input for the battery voltage. Connect directly with the battery.
VBAT_B
42
O
Power output of the battery charger. Connect directly with the battery.
Thermal Pad
Connect the thermal pad to GND
SWITCHING REGULATOR SECTION
AGND3
45
Analog ground connection. All analog ground pins are connected internally on the chip.
L1_A, L1_B
9, 10
Switch pin of VMAIN converter. The VMAIN inductor is connected here.
L2
4
Switch pin of VCORE converter. The VCORE inductor is connected here.
PGND1_A,
15, 16
Power ground for VMAIN converter
PGND1_B
PGND2
46
Power ground for VCORE converter
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS65014


Similar Part No. - TPS65014_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65014RGZ TI-TPS65014RGZ Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65014RGZR TI-TPS65014RGZR Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65014RGZRG4 TI-TPS65014RGZRG4 Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65014RGZT TI-TPS65014RGZT Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65014RGZTG4 TI-TPS65014RGZTG4 Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65014_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
   POWER SUPPLY AND BATTERY MANAGEMENT IC
logo
Texas Instruments
TPS65810 TI-TPS65810 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
logo
Shenzhen X-Powers Techn...
AXP192 XPOWER-AXP192 Datasheet
453Kb / 4P
   Single Cell Li-Battery and Power System Management IC
logo
Texas Instruments
TPS65810 TI-TPS65810_07 Datasheet
1Mb / 99P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65820 TI-TPS65820 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI1-TPS65810_14 Datasheet
2Mb / 100P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65800 TI-TPS65800_07 Datasheet
2Mb / 98P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
logo
List of Unclassifed Man...
AXP192 ETC2-AXP192 Datasheet
1Mb / 53P
   Enhanced single Cell Li-Battery and Power System Management IC
logo
Texas Instruments
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com