Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5927IDBQRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC5927IDBQRG4
Description  16-Channel Constant-Current LED Sink Drivers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5927IDBQRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC5927IDBQRG4 Datasheet HTML 5Page - Texas Instruments TLC5927IDBQRG4 Datasheet HTML 6Page - Texas Instruments TLC5927IDBQRG4 Datasheet HTML 7Page - Texas Instruments TLC5927IDBQRG4 Datasheet HTML 8Page - Texas Instruments TLC5927IDBQRG4 Datasheet HTML 9Page - Texas Instruments TLC5927IDBQRG4 Datasheet HTML 10Page - Texas Instruments TLC5927IDBQRG4 Datasheet HTML 11Page - Texas Instruments TLC5927IDBQRG4 Datasheet HTML 12Page - Texas Instruments TLC5927IDBQRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
0
25
50
75
100
125
150
0
0.5
1
1.5
2
2.5
3
VO – Output Voltage – V
Temperature = 25°C
IO = 80 mA
IO = 40 mA
IO = 20 mA
IO = 60 mA
IO = 5 mA
IO = 100 mA
IO = 120 mA
TLC5926, TLC5927
www.ti.com
SLVS677C – JULY 2008 – REVISED OCTOBER 2015
7.10 Typical Characteristics
Figure 1: At low voltage levels (VO), the output current (IO) may be limited. Figure 1 shows the dependency of the output
current on the output voltage.
Figure 1. Output Current vs Output Voltage
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TLC5926 TLC5927


Similar Part No. - TLC5927IDBQRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5927IDBQRG4 TI-TLC5927IDBQRG4 Datasheet
921Kb / 29P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5927IDBQRG4 TI-TLC5927IDBQRG4 Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
More results

Similar Description - TLC5927IDBQRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI-TLC5926 Datasheet
921Kb / 29P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI-TLC5926_10 Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926-Q1 TI1-TLC5926-Q1_16 Datasheet
1Mb / 36P
[Old version datasheet]   TLC592x-Q1 16-Channel Constant-Current LED Sink Drivers
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
logo
Texas Instruments
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Driver
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
   16-channel Constant Current LED Sink Driver
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
   16 BIT CONSTANT CURRENT LED DRIVERS
logo
Silicon Touch Technolog...
DM134 SITI-DM134 Datasheet
298Kb / 20P
   16-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5916 TI-TLC5916_10 Datasheet
801Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com