Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCP010515DBP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DCP010515DBP
Description  Unregulated DC/DC Converter Modules
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCP010515DBP Datasheet(HTML) 7 Page - Texas Instruments

Back Button DCP010515DBP Datasheet HTML 3Page - Texas Instruments DCP010515DBP Datasheet HTML 4Page - Texas Instruments DCP010515DBP Datasheet HTML 5Page - Texas Instruments DCP010515DBP Datasheet HTML 6Page - Texas Instruments DCP010515DBP Datasheet HTML 7Page - Texas Instruments DCP010515DBP Datasheet HTML 8Page - Texas Instruments DCP010515DBP Datasheet HTML 9Page - Texas Instruments DCP010515DBP Datasheet HTML 10Page - Texas Instruments DCP010515DBP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Frequency(MHz)
60
50
40
30
20
10
0
10
20
0.15
1
10
30
Class A
Class B
Standard Limits
Frequency(MHz)
60
50
40
30
20
10
0
±10
±20
0.15
1
10
30
Class A
Class B
Standard Limits
5.8
5.7
5.6
5.5
5.4
5.3
5.2
5.1
5.0
4.9
4.8
4.7
10
Load (%)
20
30
40
50
60
70
80
90
100
10
Load (%)
20
30
40
50
60
70
80
90
100
85
80
75
70
65
60
55
Load (%)
50
45
40
35
30
25
20
15
10
5
0
20
30
50
70
60
80
90
100
40
10
1- F Ceramic
m
4.7 F Ceramic
-m
10 F Ceramic
-m
5.5
5.4
5.3
5.2
5.1
5.0
4.9
4.8
4.7
4.6
4.5
4.4
4.5
Input Voltage (V)
4.6
4.7
4.8
4.9
5.0
5.2
5.3
5.4
5.5
5.1
DCP010505B, DCP010512B, DCP010515B, DCP012405B, DCP010505DB, DCP010507DB
DCP010512DB, DCP010515DB, DCP011512DB, DCP011515DB, DCP012415DB
www.ti.com
SBVS012F – DECEMBER 2000 – REVISED OCTOBER 2015
7.7 Typical Characteristics
At TA = 25°C, V+VS = nominal, (unless otherwise noted)
DCP010505B
DCP010505B
20-MHz BW
Figure 2. Line Regulation
Figure 1. Output Ripple vs Load
DCP010505B
DCP010505B
Figure 4. Efficiency vs Load
Figure 3. Load Regulation
DCP010505B
125% Load
DCP010505B
8% Load
Figure 5. Conducted Emissions
Figure 6. Conducted Emissions
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DCP010505B DCP010512B DCP010515B DCP012405B DCP010505DB DCP010507DB
DCP010512DB DCP010515DB DCP011512DB DCP011515DB DCP012415DB


Similar Part No. - DCP010515DBP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP010515DBP BURR-BROWN-DCP010515DBP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010515DBP BURR-BROWN-DCP010515DBP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010515DBP BURR-BROWN-DCP010515DBP Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP010515DBP TI-DCP010515DBP Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010515DBP TI1-DCP010515DBP Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results

Similar Description - DCP010515DBP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Vicor Corporation
B048X160Y24A VICOR-B048X160Y24A Datasheet
1Mb / 18P
   Unregulated DC-DC Converter
B048X320Y30A VICOR-B048X320Y30A Datasheet
1Mb / 18P
   Unregulated DC-DC Converter
B048X240Y30A VICOR-B048X240Y30A Datasheet
2Mb / 18P
   Unregulated DC-DC Converter
B048X060Y24A VICOR-B048X060Y24A Datasheet
1Mb / 18P
   Unregulated DC-DC Converter
B048X480Y30A VICOR-B048X480Y30A Datasheet
2Mb / 18P
   Unregulated DC-DC Converter
B048X080Y24A VICOR-B048X080Y24A Datasheet
2Mb / 18P
   Unregulated DC-DC Converter
B048X096Y24A VICOR-B048X096Y24A Datasheet
2Mb / 18P
   Unregulated DC-DC Converter
logo
Texas Instruments
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
[Old version datasheet]   Series 1-W, Isolated, Unregulated DC/DC Converter Modules
DCP020503 TI1-DCP020503_16 Datasheet
1Mb / 28P
[Old version datasheet]   DCP02x 2-W, Isolated, Unregulated DC/DC Converter Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com