Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3943 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP3943
Description  RGB, White, Blue 16-LED Fun Light Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3943 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP3943_15 Datasheet HTML 4Page - Texas Instruments LP3943_15 Datasheet HTML 5Page - Texas Instruments LP3943_15 Datasheet HTML 6Page - Texas Instruments LP3943_15 Datasheet HTML 7Page - Texas Instruments LP3943_15 Datasheet HTML 8Page - Texas Instruments LP3943_15 Datasheet HTML 9Page - Texas Instruments LP3943_15 Datasheet HTML 10Page - Texas Instruments LP3943_15 Datasheet HTML 11Page - Texas Instruments LP3943_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
LP3943
SNVS256C – NOVMEBER 2003 – REVISED OCTOBER 2015
www.ti.com
7.3 Feature Description
Some of the features of the LP3943 device are:
1. 16 low-side switches to control the current in 16 strings of LEDs with a maximum of 25 mA per switch or a
maximum of 200 mA total.
2. Programmable internal PWM dimming:
(a) Duty cycle control (8 bits). Any of the 16 current switches can be mapped to either PWM0 register or
PWM1 register. Each register offers 8-bit PWM duty cycle control.
(b) PWM Frequency control (8 bits). Any of the 16 current switches can be mapped to either PSC0 register
or PSC1 register. Each register offers 8-bit PWM frequency control from 0.625 Hz to 160 Hz.
3. RESET input.
4. Auto increment for I2C writes to reduce number of I2C clock pulses .
5. The LP3943 provides for an externally selectable I2C slave address via the ADR0, ADR1, and ADR2 inputs.
See Figure 4.
7.4 Device Functional Modes
1. Output set to high impedance. This is set by programming bits [B0 and B1] to 00 in the LS0, LS1, LS2, or
LS3 registers (see Table 2)
2. Output set to ON state (current switch pulls low). This turns the LED on at the full current in the specified
current switch bits [B0 and B1] set to 01 in the LS0, LS1, LS2, or LS3 registers (see Table 12).
3. Output set to toggle at the programmed PWM duty cycle and PWM frequency. This turns on or off the
specified current switch at the programmed PWM frequency and duty cycle. Each current switch is mapped
to either of the PWM0/PSC0 or PWM1/PSC1 pairs by setting [B0 and B1] to 10 or 11 in the LS0, LS1, LS2,
or LS3 registers (see Table 12).
8
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LP3943


Similar Part No. - LP3943_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3943ISQ NSC-LP3943ISQ Datasheet
264Kb / 13P
   RGB/White/Blue 16-LED Fun Light Driver
More results

Similar Description - LP3943_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3943 TI1-LP3943 Datasheet
979Kb / 21P
[Old version datasheet]   RGB/White/Blue 16-LED Fun Light Driver
logo
National Semiconductor ...
LP3943 NSC-LP3943 Datasheet
264Kb / 13P
   RGB/White/Blue 16-LED Fun Light Driver
LP3944 NSC-LP3944 Datasheet
249Kb / 12P
   RGB/White/Blue 8-LED Fun Light Driver
logo
Texas Instruments
LP3944 TI1-LP3944_14 Datasheet
931Kb / 17P
[Old version datasheet]   RGB/White/Blue 8-LED Fun Light Driver
logo
Integrated Silicon Solu...
IS31FL3191-UTLS2-TR ISSI-IS31FL3191-UTLS2-TR Datasheet
319Kb / 15P
   1-CHANNEL FUN LED DRIVER
IS31FL3191 ISSI-IS31FL3191 Datasheet
315Kb / 12P
   1-CHANNEL FUN LED DRIVER
IS31FL3193-DLS2-EB ISSI-IS31FL3193-DLS2-EB Datasheet
320Kb / 13P
   3-CHANNEL FUN LED DRIVER
IS31FL3193 ISSI-IS31FL3193 Datasheet
356Kb / 13P
   3-CHANNEL FUN LED DRIVER
logo
LIGITEK electronics co....
LGXRGB-501H LIGITEK-LGXRGB-501H Datasheet
168Kb / 10P
   RGB Power Light LED
logo
List of Unclassifed Man...
EC4006 ETC2-EC4006 Datasheet
211Kb / 8P
   DC/DC WHITE LIGHT LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com