Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM74610QDGKRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM74610QDGKRQ1
Description  Zero IQ Reverse Polarity Protection Smart Diode Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM74610QDGKRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM74610QDGKRQ1 Datasheet HTML 5Page - Texas Instruments LM74610QDGKRQ1 Datasheet HTML 6Page - Texas Instruments LM74610QDGKRQ1 Datasheet HTML 7Page - Texas Instruments LM74610QDGKRQ1 Datasheet HTML 8Page - Texas Instruments LM74610QDGKRQ1 Datasheet HTML 9Page - Texas Instruments LM74610QDGKRQ1 Datasheet HTML 10Page - Texas Instruments LM74610QDGKRQ1 Datasheet HTML 11Page - Texas Instruments LM74610QDGKRQ1 Datasheet HTML 12Page - Texas Instruments LM74610QDGKRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
dV
T
C
dI
'
tT1t
T0
Body Diode Voltage Drop
1.1 V
VCAPL
VCAPH
VOUT
LM74610-Q1
www.ti.com
SNOSCZ1A – JULY 2015 – REVISED OCTOBER 2015
Feature Description (continued)
very small period of time (2% typical) which rules out the chances of overheating the MOSFET, regardless of the
output current. Once the capacitor voltage reaches its high threshold, the MOSFET is turned off and charge
pump circuity is deactivated until the Vcap reaches its low voltage threshold (T1). The voltage difference between
Vcap high and low threshold is typically 1.15V. The LM74610-Q1 charge pump has 46µA charging capability with
5-8MHz frequency.
Figure 9. Vcap Charging and Discarding by the Charge Pump
The Vcap current consumption is 1 µA (typical) to drive the gate. The MOSFET OFF time (T0) and ON time (T1)
can be calculated using the following expression
(1)
Where:
C = Vcap Capacitance
dV = 1.15V
dI = 46 µA for charging
dI = 0.95 µA for discharging
Note: Temperature dependence of these parameters – The duty cycle is dependent on temperature since the
capacitance variation over temperature has a direct correlation to the MOSFET OFF and ON periods and the
frequency. If the capacitor varies 20% the periods and the frequency will also vary by 20% so it is recommended
to use a quality X7R/COG cap and not to place the cap in close proximity to high temperature devices. The
variation of the capacitor does not have a thermal impact in the application as the duty cycle does not change.
7.3.3.3 Gate Drive Pin
When the charge pump capacitor is charged to the high voltage level of 6.3V (typ), the Gate Drive pin provides a
6.8µA (typ) of drive current. When the charge pump capacitor reaches its lower voltage threshold of 5.15V (typ),
Gate is pulled down to the Anode voltage (Vin). When Anode voltage goes negative, the Gate voltage is pulled
down to Anode voltage with 160mA pull down current.
7.3.3.4 Gate Pull Down Pin
The Gate Pull Down pin is connected to the Gate Drive pin in a typical application circuit. When the controller
detects negative polarity, possibly due to failure of the input supply or voltage ripple, the Pull-Down quickly
discharges the MOSFET gate through a discharge transistor. This fast pull down react/s regardless of the Vcap
charge level. If the input supply abruptly fails, as would happen if the supply gets shorted to ground, a reverse
current will temporarily flow through the MOSFET. This reverse current can be due to parallel connected supplies
and load capacitance and is dependent upon the RDSON of the MOSFET. When the negative voltage across the
Anode and Cathode pins due to reverse current reaches -20mV (typical), the LM74610-Q1 immediately reacts
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM74610-Q1


Similar Part No. - LM74610QDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM74670-Q1 TI1-LM74670-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   Zero IQ Smart Diode Rectifier Controller
LM74670QDGKRQ1 TI1-LM74670QDGKRQ1 Datasheet
1Mb / 26P
[Old version datasheet]   Zero IQ Smart Diode Rectifier Controller
LM74670QDGKTQ1 TI1-LM74670QDGKTQ1 Datasheet
1Mb / 26P
[Old version datasheet]   Zero IQ Smart Diode Rectifier Controller
More results

Similar Description - LM74610QDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM74670-Q1 TI1-LM74670-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   Zero IQ Smart Diode Rectifier Controller
LM74500-Q1 TI-LM74500-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM74500-Q1 Reverse Polarity Protection Controller
LM74502-Q1 TI-LM74502-Q1_V01 Datasheet
1Mb / 33P
[Old version datasheet]   LM74502-Q1, LM74502H-Q1 Automotive Low IQ Reverse Polarity Protection Controller with Overvoltage Protection
MAY 2022
LM74502-Q1 TI-LM74502-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM74502-Q1, LM74502H-Q1 Automotive Low IQ Reverse Polarity Protection Controller with Overvoltage Protection
FEBRUARY 2022
logo
SynQor Worldwide Headqu...
MQME-270-R SYNQOR-MQME-270-R Datasheet
6Mb / 15P
   Reverse polarity protection
logo
Texas Instruments
LM74502 TI-LM74502 Datasheet
2Mb / 29P
[Old version datasheet]   LM74502 Low IQ High Side Switch Controller With Reverse Polarity and Overvoltage Protection
DECEMBER 2021
LM74700-Q1 TI-LM74700-Q1_V01 Datasheet
3Mb / 36P
[Old version datasheet]   LM74700-Q1 Low IQ Reverse Battery Protection Ideal Diode Controller
logo
MPS Industries, Inc.
MPQ5850 MPSIND-MPQ5850 Datasheet
2Mb / 29P
   36V, Smart Diode Controller with Reverse Protection,AEC-Q100 Qualified
Rev. 1.1 2/9/2022
logo
Texas Instruments
LM74502 TI-LM74502_V01 Datasheet
1Mb / 30P
[Old version datasheet]   LM74502, LM74502H Low IQ High Side Switch Controller with Reverse Polarity and Overvoltage Protection
MAY 2022
LM74700D-Q1 TI-LM74700D-Q1 Datasheet
2Mb / 31P
[Old version datasheet]   LM74700D-Q1 Automotive Low IQ Reverse Battery Protection Ideal Diode Controller
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com