Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD13201W10 Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD13201W10
Description  N-Channel NexFET Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD13201W10 Datasheet(HTML) 1 Page - Texas Instruments

  CSD13201W10_15 Datasheet HTML 1Page - Texas Instruments CSD13201W10_15 Datasheet HTML 2Page - Texas Instruments CSD13201W10_15 Datasheet HTML 3Page - Texas Instruments CSD13201W10_15 Datasheet HTML 4Page - Texas Instruments CSD13201W10_15 Datasheet HTML 5Page - Texas Instruments CSD13201W10_15 Datasheet HTML 6Page - Texas Instruments CSD13201W10_15 Datasheet HTML 7Page - Texas Instruments CSD13201W10_15 Datasheet HTML 8Page - Texas Instruments CSD13201W10_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
10
15
20
25
30
35
40
45
50
55
60
0
1
2
3
4
5
6
7
8
VGS - Gate-to- Source Voltage - V
TC = 25°C Id = 1A
TC = 125ºC Id = 1A
G001
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
Qg - Gate Charge - nC (nC)
ID = 1A
VDS = 6V
G001
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CSD13201W10
SLPS306A – MAY 2012 – REVISED SEPTEMBER 2015
CSD13201W10 N-Channel NexFET™ Power MOSFET
1 Features
Product Summary
1
Ultra-Low Qg and Qgd
TA = 25°C
TYPICAL VALUE
UNIT
Small Footprint (1 mm × 1 mm)
VDS
Drain-to-Source Voltage
12
V
Low Profile 0.62-mm Height
Qg
Gate Charge Total (4.5 V)
2.3
nC
Qgd
Gate Charge Gate-to-Drain
0.3
nC
Pb-Free
VGS = 1.8 V
38
RoHS Compliant
m
Drain-to-Source On
RDS(on)
VGS = 2.5 V
29
Resistance
Halogen-Free
VGS = 4.5 V
26
m
Gate-Source Voltage Clamp
VGS(th)
Threshold Voltage
0.8
V
2 Applications
Device Information(1)
Battery Management
PART NUMBER
PACKAGE
MEDIA
QTY
SHIP
Load Switch
1 mm × 1 mm
7-inch
Tape and
CSD13201W10
3000
Wafer Level Package
reel
Reel
Battery Protection
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
3 Description
This 12-V, 26-m
Ω, N-Channel device is designed to
Absolute Maximum Ratings
deliver the lowest on resistance and gate charge in
TA = 25°C
VALUE
UNIT
the smallest outline possible with excellent thermal
VDS
Drain-to-Source Voltage
12
V
characteristics in an ultra-low profile.
VGS
Gate-to-Source Voltage
±8
V
Continuous Drain Current,
Top View
ID
1.6
A
TA = 25°C
(1)
IDM
Pulsed Drain Current, TA = 25°C
(2)
20.2
A
PD
Power Dissipation(1)
1.2
W
TJ,
Operating Junction and
–55 to 150
°C
Tstg
Storage Temperature Range
(1) RθJA = 105°C/W on 1in
2 Cu (2 oz.) on 0.060" thick FR4 PCB.
(2) Pulse width
≤ 300 μs, duty cycle ≤ 2%
RDS(on) vs VGS
Gate Charge
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD13201W10_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
More results

Similar Description - CSD13201W10_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16327Q3 TI1-CSD16327Q3 Datasheet
991Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16322Q5 TI-CSD16322Q5 Datasheet
287Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16404Q5A TI-CSD16404Q5A Datasheet
511Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16401Q5 TI1-CSD16401Q5 Datasheet
332Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16414Q5 TI1-CSD16414Q5 Datasheet
348Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16415Q5 TI1-CSD16415Q5 Datasheet
568Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com