Electronic Components Datasheet Search |
|
LQW15AN5N8D0Z Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd. |
|
LQW15AN5N8D0Z Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd. |
1 / 2 page LQW15AN5N8D0Z# # indicates a package specification code. < List of part numbers with package codes > LQW15AN5N8D0ZD , LQW15AN5N8D0ZB Shape L size 1.0 ±0.1mm W size 0.6 ±0.1mm T size 0.5 ±0.1mm Size code in inch (mm) 0402 (1005) Specifications Inductance 5.8nH ±0.5nH Inductance test frequency 100MHz Rated current (Itemp) (Based on Temperature rise) 700mA Max. of DC resistance 0.09Ω Q (min.) 25 Q test frequency 250MHz Self resonance frequency (min.) 8.0GHz Operating temperature range (Self-temperature rise is not included) -55∼125℃ References Packaging code Specifications Minimum quantity φ180mm Paper taping 10000 Packing in bulk 500 Mass (Typ.) 1 piece 0.0008g 1 of 2 1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2.This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. URL : http://www.murata.com/ Last updated: 2016/04/21 |
Similar Part No. - LQW15AN5N8D0Z |
|
Similar Description - LQW15AN5N8D0Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |