Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MADR-007097-0001TR Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MADR-007097-0001TR
Description  SPDT PIN Diode Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADR-007097-0001TR Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MADR-007097-0001TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADR-007097-0001TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADR-007097-0001TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADR-007097-0001TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADR-007097-0001TR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPDT PIN Diode Driver
Rev. V3
MADR-007097
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = +25C, +Vcc = + Vdd = + 5.0V ± 5%, Vee = - 5.0V ±5%, Z0 = 50
Parameter
Test Conditions
Units
Min
Typ
Max
Switching Speed 1
Delay
Rt/Ft
Spike current into 10 ohm load
50 % TTL to 90%
10%-90%; 90%-10%
ns
ns
25
2
35
5
PRF
50% duty cycle
MHz
DC
5
Output Voltage Drop, No Load
With reference to supply voltage
V
0.25
DC Output Current
Peak Spike Output Current
Load Dependant
Spiking Capacitor in Circuit
mA
mA
±30
±150
±50
±200
Output Stage on Resistance
Positive Output FET, Qp
Negative Output FET, Qn
15
10
20
15
Quiescent Supply Currents
+5V
-5V
mA
mA
1.5
.2
TTL Levels
Logic “0” @ 20 µA sink current
Logic “1” @ 20 µA source current
V
V
0
2.0
.8
5.0
Package Dissipation
mW
200
Absolute Maximum Ratings 2,3
Parameter
Absolute Maximum
VCC
-0.5V ≤ VCC ≤ +7.0V
VDD
-0.5V ≤ VDD ≤ VCC
VEE
-7.0V ≤ VEE ≤ +0.5V
C1 (TTL Input Voltage)
-0.5V to Vcc +0.5V
Operating Temperature
-40ºC to +85ºC
Storage Temperature
-65ºC to +125ºC
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Silicon
Integrated
Circuits
are
sensitive
to
electrostatic discharge (ESD) and can be damaged
by static electricity. Proper ESD control techniques
should be used when handling these devices.
1. Decoupling capacitors (.01 µF) are required on power supply lines.


Similar Part No. - MADR-007097-0001TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MADR-007097-0001TR MACOM-MADR-007097-0001TR Datasheet
191Kb / 3P
   SPDT PIN Diode Driver
logo
M/A-COM Technology Solu...
MADR-007097-0001TR MA-COM-MADR-007097-0001TR Datasheet
124Kb / 4P
   SPDT PIN Diode Driver
MADR-007097-0001TR MA-COM-MADR-007097-0001TR Datasheet
571Kb / 5P
   SPDT PIN Diode Driver
More results

Similar Description - MADR-007097-0001TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MADR-007097-000100 MACOM-MADR-007097-000100 Datasheet
191Kb / 3P
   SPDT PIN Diode Driver
DR65-0003 MACOM-DR65-0003 Datasheet
251Kb / 2P
   SPDT PIN Diode Driver
logo
M/A-COM Technology Solu...
MADR-007097-000100 MA-COM-MADR-007097-000100 Datasheet
124Kb / 4P
   SPDT PIN Diode Driver
MADR-007097-000100 MA-COM-MADR-007097-000100 Datasheet
124Kb / 4P
   SPDT PIN Diode Driver
MADR-007097 MA-COM-MADR-007097 Datasheet
571Kb / 5P
   SPDT PIN Diode Driver
logo
Pasternack Enterprises,...
PE71S2042 PASTERNACK-PE71S2042_V01 Datasheet
468Kb / 5P
   SPDT PIN Diode Switch
PE71S2039 PASTERNACK-PE71S2039_V01 Datasheet
551Kb / 5P
   SPDT PIN Diode Switch
logo
List of Unclassifed Man...
S2S0518A4 ETC2-S2S0518A4 Datasheet
116Kb / 1P
   SPDT PIN DIODE SWITCHES
logo
Pasternack Enterprises,...
PE71S2041 PASTERNACK-PE71S2041_V01 Datasheet
556Kb / 5P
   Absorptive SPDT PIN Diode Switch
logo
M/A-COM Technology Solu...
MA4AGSW2_V5 MA-COM-MA4AGSW2_V5 Datasheet
111Kb / 7P
   SPDT AlGaAs PIN Diode Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com