Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MADP-011048-000SMB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MADP-011048-000SMB
Description  Dual Pair Anti-Parallel Non-Magnetic PIN
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADP-011048-000SMB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MADP-011048-000SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADP-011048-000SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADP-011048-000SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADP-011048-000SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADP-011048-000SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MADP-011048-000SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MADP-011048-000SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Dual Pair Anti-Parallel Non-Magnetic PIN
5 - 400 MHz
Rev. V1
MADP-011048
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications5: TA = 25°C, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Total Capacitance (CT)
100 MHz, 0 V
pF
3.0
4.0
Series Resistance (RS)
100 MHz, +10 mA
Ω
0.5
Parallel Resistance (RP)
100 MHz, 0 V
10
Reverse Breakdown Voltage
-10 μA
V
100
Forward Voltage
+10 mA
V
0.85
Carrier Lifetime
1 kHz, +10 mA, -6 mA
μs
0.2
CW Thermal Resistance (ΘJC)
(Infinite heat sink at thermal ground plane)
°C/W
22
Insertion Loss
100 MHz, +10 mA
dB
0.05
Input/output Return Loss
100 MHz, +10 mA
dB
30
Isolation
100 MHz, 0 V
dB
14
Absolute Maximum Ratings6,7
Parameter
Absolute Maximum
CW Incident Power
+50 mA, 400 MHz @ 85°C
+51 dBm
Reverse Voltage
80 V
ACRMS + DC Forward Current
(per diode pair D1 or D2)
3.7 A
Power Dissipation
(per diode pair D1 or D2)
4.7 W
Junction Temperature8
+175°C
Operating Temperature
-55°C to +125°C
Storage Temperature
-55°C to +125°C
6. Exceeding any one or combination of these limits may cause
permanent damage to this device.
7. MACOM does not recommend sustained operation near
these survivability limits.
8. Operating at nominal conditions with TJ ≤ +175°C will ensure
MTTF > 1 x 106 hours.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
These devices are sensitive to electrostatic
discharge (ESD) and can be damaged by static
electricity. Proper ESD control techniques should
be used when handling these class 2 devices.
5. Per diode pair D1 or D2


Similar Part No. - MADP-011048-000SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-011027-14150T MA-COM-MADP-011027-14150T Datasheet
267Kb / 9P
   High Power PIN Diode
MADP-011027-14150T MA-COM-MADP-011027-14150T_15 Datasheet
267Kb / 9P
   High Power PIN Diode
MADP-011028-14150T MA-COM-MADP-011028-14150T Datasheet
269Kb / 9P
   High Power PIN Diode
MADP-011028-14150T MA-COM-MADP-011028-14150T_15 Datasheet
269Kb / 9P
   High Power PIN Diode
MADP-011029 MA-COM-MADP-011029 Datasheet
1Mb / 9P
   3 Terminal LPF Broadband Shunt Structure
More results

Similar Description - MADP-011048-000SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA44781 MA-COM-MA44781 Datasheet
433Kb / 2P
   Dual Pair Anti-Parallel Non-Magnetic PIN Diode
MA44781 MA-COM-MA44781_15 Datasheet
433Kb / 2P
   Dual Pair Anti-Parallel Non-Magnetic PIN Diode
MA44781 MA-COM-MA44781 Datasheet
48Kb / 2P
   Dual Pair Anti-Parallel Non-Magnetic PIN Diode RoHS Compliant
MA45471 MA-COM-MA45471 Datasheet
173Kb / 2P
   Dual Anti-Parallel Non-Magnetic PIN Diode
MA45471 MA-COM-MA45471_15 Datasheet
173Kb / 2P
   Dual Anti-Parallel Non-Magnetic PIN Diode
logo
Tyco Electronics
MA44781 MACOM-MA44781 Datasheet
49Kb / 2P
   Dual Anti- Parallel Pair PIN Diode
logo
M/A-COM Technology Solu...
MADL-011021-14150T MA-COM-MADL-011021-14150T_15 Datasheet
866Kb / 5P
   PIN-Schottky Anti-Parallel Diode Limiter
MADL-011021-14150T MA-COM-MADL-011021-14150T Datasheet
866Kb / 5P
   PIN-Schottky Anti-Parallel Diode Limiter
MADL-011021-14150T MA-COM-MADL-011021-14150T_16 Datasheet
876Kb / 6P
   PIN-Schottky Anti-Parallel Diode Limiter
MADP-011034-10720T MA-COM-MADP-011034-10720T_15 Datasheet
338Kb / 4P
   Non-Magnetic MELF PIN Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com