Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6CFGL202BLIE Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6CFGL202BLIE
Description  Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CFGL202BLIE Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6CFGL202BLIE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CFGL202BLIE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CFGL202BLIE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CFGL202BLIE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CFGL202BLIE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CFGL202BLIE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CFGL202BLIE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CFGL202BLIE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
All trademarks are property of their respective owners.
www.pericom.com
03/03/15
PI6CFGL202B
Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
Symbol
Parameters
Condition
Min. Typ.
Max. Units
f
MODIN
Input SS Modulation
Frequency1
Allowable Frequency
(Triangular Modulation)
30
31.500 33
kHz
TOE
Output Enable Time1
All output
10
μs
tOT
Output Disable Time1
All output
10
μs
tSTABLE
From Power-up to
VDD=3.3V1
From Power-up VDD=3.3V
3.0
ms
tSPREAD
Setting period after
spread change1
Setting period after spread change
3.0
ms
Note:
1. Guaranteed by design and characterization, not 100% tested in production.
2. Control input must be monotonic from 20% to 80% of input swing. Input Frequency Capacitance
3. Time from deassertion until outputs are >200 mV
4. DIF_IN input
Electrical Characteristics–CLK 0.7V Low Power HCSL Outputs (T
A = -40~85
o
C; VDD = 3.3V+/-
10%; VDDO = 1.8V+/-10%, See Test Loads for Loading Conditions)
Symbol
Parameters
Condition
Min.
Typ. Max.
Units
Trf
Slew rate1,2,3
1.1
2
4.5
V/ns
V
HIGH
Voltage High1
Statistical measurement on single-ended signal
using oscilloscope math function. (Scope averag-
ing on)
660
950
mV
V
LOW
Voltage Low1
-150
150
mV
Vmax
Max Voltage1
Measurement on single ended signal using
absolute value. (Scope averaging off)
1150
mV
Vmin
Min Voltage1
-300
mV
Vswing
Vswing1,2
Scope averaging off
300
mV
Vcross_abs
Crossing Voltage (abs)1,5
Scope averaging off
250
550
mV
Δ-Vcross
Crossing Voltage (var)1,6
Scope averaging off
140
mV
t
DC
Duty Cycle1
Measured differentially, PLL Mode
45
55
%
t
skew
Skew, Output to Output1 V
T = 50%
50
ps
t
jcyc-cyc
Jitter, Cycle to cycle1,2
PLL mode @100MHz output, SSC off
50
ps
Note:
1. Guaranteed by design and characterization, not 100% tested in production.
2. Measured from differential waveform
3. Slew rate is measured through the Vswing voltage range centered around differential 0V. This results in a +/-150mV window around differential 0V.
4. Matching applies to rising edge rate for Clock and falling edge rate for Clock#. It is measured using a +/-75mV window centered on the average cross point
where Clock rising meets Clock# falling. The median cross point is used to calculate the voltage thresholds the oscilloscope is to use for the edge rate calcula-
tions.
5. Vcross is defined as voltage where Clock = Clock# measured on a component test board and only applies to the differential rising edge (i.e. Clock rising and
Clock# falling).
6. The total variation of all Vcross measurements in any particular system. Note that this is a subset of Vcross_min/max (Vcross absolute) allowed. The intent is
to limit Vcross induced modulation by setting Δ-Vcross to be smaller than Vcross absolute.
15-0025


Similar Part No. - PI6CFGL202BLIE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6CFGL202BLIEX DIODES-PI6CFGL202BLIEX Datasheet
960Kb / 9P
   Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
May 2018
More results

Similar Description - PI6CFGL202BLIE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6CFGL202B DIODES-PI6CFGL202B_V01 Datasheet
960Kb / 9P
   Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
May 2018
logo
Pericom Semiconductor C...
PI6CFGL402B PERICOM-PI6CFGL402B Datasheet
943Kb / 8P
   Low Power PCIe 3.0 Clock Generator with 4 HCSL Outputs
PI6C557-01B PERICOM-PI6C557-01B Datasheet
925Kb / 8P
   PCIe 3.0 Clock Generator with 1 HCSL Outputs
PI6C557-01BQ PERICOM-PI6C557-01BQ Datasheet
986Kb / 9P
   PCIe 3.0 Clock Generator with 1 HCSL Outputs
PI6C557-05B PERICOM-PI6C557-05B Datasheet
802Kb / 8P
   PCIe 3.0 Clock Generator with 4 HCSL Outputs
PI6LC48H02 PERICOM-PI6LC48H02 Datasheet
960Kb / 9P
   PCIe 3.0/2.0/1.0 Clock Generator with 2 HCSL Outputs
PI6C557-03ALE PERICOM-PI6C557-03ALE Datasheet
815Kb / 9P
   PCIe 2.0 Clock Generator with 2 HCSL Outputs
PI6C557-03ALEX PERICOM-PI6C557-03ALEX Datasheet
815Kb / 9P
   PCIe 2.0 Clock Generator with 2 HCSL Outputs
PI6LC48H04 PERICOM-PI6LC48H04 Datasheet
1Mb / 11P
   PCIe 3.0 and Ethernet Clock Generator with 4 HCSL Outputs
PI6C557-03B PERICOM-PI6C557-03B Datasheet
837Kb / 9P
   PCIe짰 3.0 Clock Generator with 2 HCSL Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com