Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C5946002ZHIE Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI6C5946002ZHIE
Description  6 GHz / 12 Gbps Clock / Data Fanout Buffer with Internal Termination
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C5946002ZHIE Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI6C5946002ZHIE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C5946002ZHIE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C5946002ZHIE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C5946002ZHIE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C5946002ZHIE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C5946002ZHIE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C5946002ZHIE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C5946002ZHIE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C5946002ZHIE Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
PI6C5946002 Rev A
11/04/14
PI6C5946002
6 GHz / 12 Gbps Clock / Data Fanout Buffer with Internal Termination
CML and LVDS Input Interface
LVPECL and LVDS DC Input
LVPECL and LVDS clock input to this IC is connected as shown
in the Fig. 3.
LVPECL and LVDS AC Input
LVPECL and LVDS AC drive to this clock IC requires the use of
the VREF-AC output to recover the DC bias for the IC input as
shown in Fig. 4
CML AC-Coupled Input
CML AC-coupled drive requires a connection to VREF-AC as
shown in Fig. 5. The CML DC drive is not recommended as
different vendors have different CML DC voltage level. CML
is mostly used in AC coupled drive configuration for data and
clock signals.
Fig 3: CML/ LVDS Input
Fig 4: CML/ LVDS AC Coupled Input
Fig 5: CML AC-Coupled Input Interface
HCSL AC-Coupled Input
It is suggested to use AC coupling to buffer PCIe HCSL 100MHz
clock since its V_cm is relatively low at about 0.4V, as shown in
Fig. 6.
CMOS Clock DC Drive Input
LVCMOS clock has voltage Voh levels such as 3.3V, 2.5V, 1.8V.
CMOS drive requires a Vcm design at the input: Vcm= ½
(CMOS V) as shown in Fig. 7. Rs =22 ~33ohm typically.
Fig 6: HCSL AC-Coupled Input Interface
Fig 7: CMOS DC Input Vcm Design
Device IC
+ -
Zo =100
*150
*150
LVPECL Drive
REF_IN+
REF_IN-
VTH
VREF-AC
50
50
*150 removed for LVDS
Device IC
+ -
Zo =100
REF_IN+
REF_IN-
VTH
VREF-AC
50
50
VDD
0.01uf
0.01u
0.01u
LVPECL Drive
*150
*150
*150 removed for LVDS
Device IC
+ -
Zo =100
CML
REF_IN+
REF_IN-
VTH
VREF-AC
50
50
CML AC-Coupled
VDD
0.01uf
0.01u
0.01u
Device IC
+ -
Zo =100
REF_IN+
REF_IN-
VTH
VREF-AC
50
50
VDD
0.01uf
0.01u
0.01u
33
33
HCSL
PCIe Ref_CLK
50
50
CMOS Driver
3.3V, 2.5V, 1.8V
Rs
Zo
Ro
REF_IN+
REF_IN-
VDD
3.3V
0.1u
Rup
Rdn
Vcm design
Vcm
CMOS V
Rup
Rdn
Vcm
3.3V
1k
1k
1.65V
2.5V
1k
610
1.25V
1.8V
1k
380
0.9V
Diff. Input
VTH
VREF-AC
14-0180


Similar Part No. - PI6C5946002ZHIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C5946004 PERICOM-PI6C5946004 Datasheet
1Mb / 12P
   6 GHz / 12 Gbps Clock / Data Fanout Buffer with Internal Termination
logo
Diodes Incorporated
PI6C5946004 DIODES-PI6C5946004 Datasheet
1Mb / 15P
   6GHz/ 12Gbps Clock/ Data Fanout Buffer
logo
Pericom Semiconductor C...
PI6C5946004ZHIE PERICOM-PI6C5946004ZHIE Datasheet
1Mb / 12P
   6 GHz / 12 Gbps Clock / Data Fanout Buffer with Internal Termination
logo
Diodes Incorporated
PI6C5946004ZHIEX DIODES-PI6C5946004ZHIEX Datasheet
1Mb / 15P
   6GHz/ 12Gbps Clock/ Data Fanout Buffer
More results

Similar Description - PI6C5946002ZHIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C5946004 PERICOM-PI6C5946004 Datasheet
1Mb / 12P
   6 GHz / 12 Gbps Clock / Data Fanout Buffer with Internal Termination
PI6C59S6005 PERICOM-PI6C59S6005 Datasheet
1Mb / 13P
   6 GHz Selectable Fanout Buffer with Internal Termination
PI6C5916004 PERICOM-PI6C5916004 Datasheet
961Kb / 12P
   6 GHz 1:4 LVPECL Fanout Buffer with Internal Termination
PI6C5922504 PERICOM-PI6C5922504 Datasheet
971Kb / 12P
   2.5 GHz 1:4 LVDS Fanout Buffer with Internal Termination
logo
ON Semiconductor
NB7L11M ONSEMI-NB7L11M Datasheet
202Kb / 11P
   2.5V/3.3V Differential 1:2 Clock/Data Fanout Buffer/ Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
NB7L14M ONSEMI-NB7L14M Datasheet
230Kb / 11P
   2.5V/3.3VDifferential 1:4 Clock/Data Fanout Buffer/Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
logo
Analog Devices
AD9508 AD-AD9508_17 Datasheet
1,009Kb / 40P
   1.65 GHz Clock Fanout Buffer
logo
Micrel Semiconductor
SY89874U MICREL-SY89874U Datasheet
180Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
SY89874U MICREL-SY89874U_07 Datasheet
111Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
SY58021U MICREL-SY58021U_07 Datasheet
142Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com