Electronic Components Datasheet Search |
|
HER502 Datasheet(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd. |
|
HER502 Datasheet(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd. |
1 / 2 page HER501 THRU HER508 HIGH EFFICIENCY RECTIFIERS Reverse Voltage - 50 to 1000 Volts Forward Current -5.0 Amperes Case: DO-201AD molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight:0.04 ounce, 1.10 grams The plastic package carries Underwriters Laboratory Flammability Classification 94V-0 High speed switching for high efficiency Low reverse leakage High forward surge current capability High temperature soldering guaranteed: 250 C/10 seconds,0.375”(9.5mm) lead length, 5 lbs. (2.3kg) tension FEATURES MECHANICAL DATA Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS 50 35 50 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 VOLTS VOLTS VOLTS SYMBOLS UNITS Amps Amps Volts VRRM VRMS VDC I(AV) IFSM VF 5.0 200.0 1.3 Operating junction and storage temperature range Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375 ”(9.5mm) lead length at TA=50 C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 5.0A Maximum DC reverse current TA=25 C at rated DC blocking voltage TA=100 C IR 10.0 200.0 R θJA CJ TJ,TSTG 10.0 100.0 -65 to +150 pF C A µ Typical thermal resistance (NOTE 3) C/W Typical junction capacitance (NOTE 2) Maximum reverse recovery time (NOTE 1) trr 50 70 ns HER 501 HER 502 HER 503 HER 504 HER 505 HER 506 HER 507 1000 700 1000 HER 508 300 210 300 Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%. 1.0 1.70 Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A 2.Measured at 1MHz and applied reverse voltage of 4.0V D.C. 3.Thermal resistance from junction to ambient at 0.375 ”(9.5mm)lead length,P.C.B. mounted 65.0 DO-201AD 0.220(5.6) 0.197(5.0) DIA. 0.052(1.3) 0.048(1.2) DIA. 1.0 (25.4) MIN. 0.375(9.5) 0.285(7.2) 1.0 (25.4) MIN. MDD Catalog Number |
Similar Part No. - HER502 |
|
Similar Description - HER502 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |