Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAATSS0017 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAATSS0017
Description  Digital Attenuator, 5-Bit, 15.5 dB
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATSS0017 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAATSS0017_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATSS0017_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATSS0017_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATSS0017_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAATSS0017_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAATSS0017_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Digital Attenuator, 5-Bit, 15.5 dB
400 - 2500 MHz
Rev. V2
MAATSS0017
5
5
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
5
Lead-Free QSOP-16 (SSOP-16)
† Reference Application Note M538 for lead-free solder reflow recommendations.
Absolute Maximum Ratings 3,4
Parameter
Absolute Maximum
Input Power
+34 dBm
Voltage
+7 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +125°C
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM does not recommend sustained operation near
these survivability limits.
The MAATSS0017 is designed to operate with 5 V
logic levels. The difference between +3 V and +5
V operation is minimal for small signal perform-
ance. IIP3, however, is a strong function of volt-
age. +3 V is the minimum voltage at which the
product will reliably operate.
The MAATSS0017 requires a parallel interface that
allows the user to enter a 5 bit digital word. Each
state increments the attenuation by 0.5 dB giving a
total range of 15.5 dB.
The MAATSS0017 is not internally DC blocked.
This means that the device requires DC blocking
capacitors on the RF1 and RF2 ports. M/A-COM
recommends 0.1 uF to allow for the entire fre-
quency range to be utilized.
Higher frequency
applications can use smaller value capacitors as
DC blocks.
For application information concerning this and
other M/A-COM products, please visit our website
at www.macom.com, where information including
soldering profiles, reliability procedures, and S-
parameter data can be found.
Operating Instructions


Similar Part No. - MAATSS0017_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATSS0017SMB MACOM-MAATSS0017SMB Datasheet
292Kb / 5P
   Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
logo
M/A-COM Technology Solu...
MAATSS0017SMB MA-COM-MAATSS0017SMB Datasheet
143Kb / 5P
   Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
logo
Tyco Electronics
MAATSS0017TR MACOM-MAATSS0017TR Datasheet
292Kb / 5P
   Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
logo
M/A-COM Technology Solu...
MAATSS0017TR MA-COM-MAATSS0017TR Datasheet
143Kb / 5P
   Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
More results

Similar Description - MAATSS0017_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAATSS0022 MA-COM-MAATSS0022_15 Datasheet
621Kb / 5P
   Digital Attenuator, 5-Bit, 15.5 dB
MAATSS0021 MA-COM-MAATSS0021_15 Datasheet
551Kb / 4P
   Digital Attenuator, 15.5 dB, 5-Bit
MAATSS0022 MA-COM-MAATSS0022 Datasheet
104Kb / 4P
   Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
logo
Honeywell Solid State E...
HRF-AT4511 HONEYWELL-HRF-AT4511 Datasheet
546Kb / 8P
   15.5 dB, DC-4GHz, 5 Bit Serial Digital Attenuator
logo
M/A-COM Technology Solu...
MAATSS0001 MA-COM-MAATSS0001 Datasheet
143Kb / 5P
   Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAATSS0021 MA-COM-MAATSS0021 Datasheet
75Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
Tyco Electronics
MAATSS0022 MACOM-MAATSS0022 Datasheet
130Kb / 4P
   Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
logo
M/A-COM Technology Solu...
AT-280 MA-COM-AT-280 Datasheet
81Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
Tyco Electronics
AT-280 MACOM-AT-280 Datasheet
96Kb / 2P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2 GHz
MAATSS0001 MACOM-MAATSS0001 Datasheet
267Kb / 3P
   Digital Attenuator, 5 Bit, 15.5 dB, 500 - 2500 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com