Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAATCC0013 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAATCC0013
Description  Voltage Variable Attenuator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATCC0013 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAATCC0013 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATCC0013 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATCC0013 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATCC0013 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAATCC0013 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAATCC0013 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Voltage Variable Attenuator
824 - 960 MHz
Rev. V3
MAATCC0013
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, Z0 = 50, F = 824 to 960 MHz
Parameter
Test Conditions
Units
Min
Typ
Max
Insertion Loss
VB = 0 V
dB
1.7
2.1
VSWR
Ratio
1.7
2.2
Attenuation Flatness vs.
Frequency
0 - 10 dB
0 - 20 dB
0 - 30 dB
dB
dB
dB
1.3
1.3
2.5
Switching Speed
50% control to 90%/10% RF
usec
7.0
Input IP3
Two Tones 900 MHz, 905 MHz, +5 dBm
VB = 0 V
dBm
40
Input IP2
Two Tones 900 MHz, 905 MHz, +5 dBm
VB = 0 V
dBm
34
Attenuation
IB = 0.30 to 0.45 mA
dB
25
28
Recommended PCB Configuration5
Absolute Maximum Ratings 3,4
Parameter
Absolute Maximum
Max Input Power
+27 dBm
Operating Voltage
+5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +125°C
3.
Exceeding any one or combination of these limits may
cause permanent damage to this device.
4.
M/A-COM does not recommend sustained operation near
these survivability limits.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
GMIC Circuits are sensitive to electrostatic
discharge (ESD) and can be damaged by static
electricity. Proper ESD control techniques should
be used when handling these devices.
5.
Circuit Material = FR-406, 0.031 inches thick.
Line Width = 0.025 inches, Line Spacing = 0.0056
inches.


Similar Part No. - MAATCC0013

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATCC0013 MACOM-MAATCC0013 Datasheet
203Kb / 5P
   Voltage Variable Attenuator 824 - 960 MHz
logo
M/A-COM Technology Solu...
MAATCC0013 MA-COM-MAATCC0013 Datasheet
91Kb / 5P
   Voltage Variable Attenuator 824 - 960 MHz
MAATCC0013 MA-COM-MAATCC0013 Datasheet
91Kb / 5P
   Voltage Variable Attenuator
logo
Tyco Electronics
MAATCC0013-TB MACOM-MAATCC0013-TB Datasheet
203Kb / 5P
   Voltage Variable Attenuator 824 - 960 MHz
logo
M/A-COM Technology Solu...
MAATCC0013-TB MA-COM-MAATCC0013-TB Datasheet
91Kb / 5P
   Voltage Variable Attenuator 824 - 960 MHz
More results

Similar Description - MAATCC0013

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
VVA-MCM-1.9G-A MERRIMAC-VVA-MCM-1.9G-A Datasheet
124Kb / 2P
   VOLTAGE VARIABLE ATTENUATOR
logo
Mini-Circuits
EVA-1500 MINI-EVA-1500 Datasheet
402Kb / 3P
   Voltage Variable Attenuator
MVA-2000 MINI-MVA-2000 Datasheet
442Kb / 3P
   Voltage Variable Attenuator
SVA-2000 MINI-SVA-2000 Datasheet
421Kb / 2P
   Voltage Variable Attenuator
VACC-22 MINI-VACC-22 Datasheet
285Kb / 3P
   Voltage Variable Attenuator
RVA-2500-75 MINI-RVA-2500-75 Datasheet
522Kb / 3P
   Voltage Variable Attenuator
ZX73-2500 MINI-ZX73-2500 Datasheet
391Kb / 3P
   Voltage Variable Attenuator
logo
M/A-COM Technology Solu...
MAAT-010521 MA-COM-MAAT-010521 Datasheet
198Kb / 6P
   Voltage Variable Attenuator
logo
Merrimac Industries, In...
VVA-2H-1.9G MERRIMAC-VVA-2H-1.9G Datasheet
108Kb / 2P
   VOLTAGE VARIABLE ATTENUATOR
logo
Mini-Circuits
EVA-2-75 MINI-EVA-2-75 Datasheet
490Kb / 2P
   Voltage Variable Attenuator
SYVA-16 MINI-SYVA-16 Datasheet
384Kb / 2P
   Voltage Variable Attenuator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com