Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAATCC0008 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAATCC0008
Description  Attenuation: 1.0 dB steps to 15 dB
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATCC0008 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAATCC0008 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATCC0008 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATCC0008 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATCC0008 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAATCC0008 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAATCC0008 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Digital Attenuator
15.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
Rev. V5
MAATCC0008
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Insertion Loss
DC - 0.5 GHz
DC - 2.0 GHz
DC - 3.0 GHz
dB
dB
dB
1.5
1.8
2.1
1.9
2.2
2.6
Attenuation Accuracy
Any Bit or Combination of Bits
DC - 3.0 GHz
dB
± (.25 + 3% of attenuation) or ± .55 dB,
Whichever is greater
VSWR
Full Range
DC - 3.0 GHz
Ratio
1.6:1
Trise, Tfall
Ton, Toff
Transients
10% to 90%
50% Cntl to 90%/10% RF
In-Band
10% to 90%
50% Cntl to 90%/10% RF
In-Band
nS
nS
mV
10
30
35
50
150
Switching Speed
50% Cntl to 90%/10% RF
10% to 90% or 90% to 10%
ns
ns
25
4
1 dB Compression
50 MHz
0.5 - 3.0 GHz
dBm
dBm
+21
+27
Input IP3
Two-tone Inputs up to +5 dBm
50 MHz
0.5 - 3.0 GHz
dBm
dBm
+35
+48
Input IP2
Two-tone inputs up to +5 dBm
0.05 GHz
0.5 - 3.0 GHz
dBm
dBm
+43
+73
Vcc
VEE
V
V
4.5
-8.0
5.0
-5.0
5.5
-4.75
VIL
VIH
LOW-level input voltage
HIGH-level input voltage
V
V
0.0
2.0
0.8
5.0
lin (Input Leakage Current)
Vin = VCC or GND
uA
-1.0
1.0
Icc
(Quiescent Supply Current)
Vcntrl = VCC or GND
uA
250
400
ΔIcc
(Additional Supply Current Per
TTL Input Pin)
VCC = Max, Vcntrl = VCC - 2.1 V
mA
1.0
IEE
VEE min to max, Vin = VIL or VIH
mA
-1.0
-0.2
Absolute Maximum Ratings 2,3
Parameter
Absolute Maximum
Max. Input Power
0.05 GHz
0.5 - 3.0 GHz
+27 dBm
+34 dBm
VCC
-0.5V ≤ VCC ≤ +7.0V
VEE
-8.5V ≤ VEE ≤ +0.5V
VCC - VEE
-0.5V ≤ VCC - VEE ≤ 14.5V
Vin4
-0.5V ≤ Vin ≤ VCC + 0.5V
Operating Temperature
-40ºC to +85ºC
Storage Temperature
-65ºC to +125ºC
2.
Exceeding any one or combination of these limits may
cause permanent damage to this device.
3.
M/A-COM does not recommend sustained operation near
these survivability limits.
4.
Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
Recommended PCB Configuration


Similar Part No. - MAATCC0008

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATCC0008 MACOM-MAATCC0008 Datasheet
246Kb / 4P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0008 MA-COM-MAATCC0008 Datasheet
134Kb / 4P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
MAATCC0008 MA-COM-MAATCC0008 Datasheet
214Kb / 5P
   Digital Attenuator
MAATCC0008 MA-COM-MAATCC0008 Datasheet
214Kb / 5P
   Digital Attenuator
logo
Tyco Electronics
MAATCC0008-TB MACOM-MAATCC0008-TB Datasheet
246Kb / 4P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
More results

Similar Description - MAATCC0008

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC346 MICROSS-HMC346 Datasheet
927Kb / 9P
   32 dB Attenuation Range
logo
Pasternack Enterprises,...
PE7011-6A PASTERNACK-PE7011-6A Datasheet
251Kb / 3P
   63 dB Programmable Attenuator, SMA Female To SMA Female With 1,2,4,8,16,32 dB Steps Rated To 0.5 Watts Up To 1 GHz
logo
Merrimac Industries, In...
ADS-41V-1000 MERRIMAC-ADS-41V-1000 Datasheet
130Kb / 1P
   15 dB DIGITAL ATTENUATOR
logo
Interpoint Corporation ...
FME270-461 INTERPOINT-FME270-461_10 Datasheet
920Kb / 11P
   Attenuation to 50 dB at 500 kHz Operating temperature -55째 to 125째C
logo
API Technologies Corp
TAD5009 APITECH-TAD5009 Datasheet
93Kb / 1P
   7 Bit Digital Attenuator Attenuation Range: 12.7 dB
TAD5007 APITECH-TAD5007 Datasheet
193Kb / 1P
   4 Bit Digital Attenuator Attenuation Range: 45 dB
TAD5008 APITECH-TAD5008 Datasheet
190Kb / 1P
   5 Bit Digital Attenuator Attenuation Range: 62 dB
TAD2104 APITECH-TAD2104 Datasheet
563Kb / 1P
   5 Bit Digital Attenuator Attenuation Range: 62 dB
TAD5010 APITECH-TAD5010 Datasheet
586Kb / 1P
   7 Bit Digital Attenuator Attenuation Range: 63.5 dB
logo
Interpoint Corporation ...
FM-461 INTERPOINT-FM-461_10 Datasheet
536Kb / 9P
   Attenuation 40 dB from 110 kHz to 50 MHz Transient suppression
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com