Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAATCC0008 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAATCC0008
Description  Attenuation: 1.0 dB steps to 15 dB
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATCC0008 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAATCC0008 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATCC0008 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATCC0008 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATCC0008 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAATCC0008 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAATCC0008 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Digital Attenuator
15.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
Rev. V5
MAATCC0008
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
Attenuation: 1.0 dB steps to 15 dB
Low DC Power Consumption
Integral TTL Driver
50 Ohm Impedance
Temperature Stability: ±0.18 dB from –40°C to
+85°C Typ.
Lead-Free SO-16 Package
100% Matte Tin Plating over Copper
Halogen-Free ―Green‖ Mold Compound
260°C Reflow Compatible
RoHS* Compliant Version of AT65-0413
Description
M/A-COM’s MAATCC0008 is a GaAs FET 4-bit
digital attenuator with a 1.0 dB minimum step size
and a 15 dB total attenuation range. This device is in
a SOIC-16 plastic surface mount package. The
MAATCC0008 is ideally suited for use where
accuracy, fast speed, very low power consumption
and low costs are required. Typical applications
include dynamic range setting in precision receiver
circuits and other gain/leveling control circuits.
Ordering Information
Part Number
Package
MAATCC0008
Bulk Packaging
MAATCC0008TR
1000 piece reel
MAATCC0008-TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Schematic with Off-Chip Components or
Functional Block Diagram
Pin Configuration
Pin No.
Function
Pin No.
Function
1
GND
9
C2
2
RF1
10
C1
3
GND
11
GND
4
NC1
12
GND
5
Vee
13
NC1
6
Vcc
14
GND
7
C4
15
RF2
8
C3
16
GND
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1.
NC = No Connection


Similar Part No. - MAATCC0008

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATCC0008 MACOM-MAATCC0008 Datasheet
246Kb / 4P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0008 MA-COM-MAATCC0008 Datasheet
134Kb / 4P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
MAATCC0008 MA-COM-MAATCC0008 Datasheet
214Kb / 5P
   Digital Attenuator
MAATCC0008 MA-COM-MAATCC0008 Datasheet
214Kb / 5P
   Digital Attenuator
logo
Tyco Electronics
MAATCC0008-TB MACOM-MAATCC0008-TB Datasheet
246Kb / 4P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
More results

Similar Description - MAATCC0008

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC346 MICROSS-HMC346 Datasheet
927Kb / 9P
   32 dB Attenuation Range
logo
Pasternack Enterprises,...
PE7011-6A PASTERNACK-PE7011-6A Datasheet
251Kb / 3P
   63 dB Programmable Attenuator, SMA Female To SMA Female With 1,2,4,8,16,32 dB Steps Rated To 0.5 Watts Up To 1 GHz
logo
Merrimac Industries, In...
ADS-41V-1000 MERRIMAC-ADS-41V-1000 Datasheet
130Kb / 1P
   15 dB DIGITAL ATTENUATOR
logo
Interpoint Corporation ...
FME270-461 INTERPOINT-FME270-461_10 Datasheet
920Kb / 11P
   Attenuation to 50 dB at 500 kHz Operating temperature -55째 to 125째C
logo
API Technologies Corp
TAD5009 APITECH-TAD5009 Datasheet
93Kb / 1P
   7 Bit Digital Attenuator Attenuation Range: 12.7 dB
TAD5007 APITECH-TAD5007 Datasheet
193Kb / 1P
   4 Bit Digital Attenuator Attenuation Range: 45 dB
TAD5008 APITECH-TAD5008 Datasheet
190Kb / 1P
   5 Bit Digital Attenuator Attenuation Range: 62 dB
TAD2104 APITECH-TAD2104 Datasheet
563Kb / 1P
   5 Bit Digital Attenuator Attenuation Range: 62 dB
TAD5010 APITECH-TAD5010 Datasheet
586Kb / 1P
   7 Bit Digital Attenuator Attenuation Range: 63.5 dB
logo
Interpoint Corporation ...
FM-461 INTERPOINT-FM-461_10 Datasheet
536Kb / 9P
   Attenuation 40 dB from 110 kHz to 50 MHz Transient suppression
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com