Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC0806 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0806
Description  500 ns A/D Converter with S/H Function and Input Multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0806 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC0806 Datasheet HTML 1Page - National Semiconductor (TI) ADC0806 Datasheet HTML 2Page - National Semiconductor (TI) ADC0806 Datasheet HTML 3Page - National Semiconductor (TI) ADC0806 Datasheet HTML 4Page - National Semiconductor (TI) ADC0806 Datasheet HTML 5Page - National Semiconductor (TI) ADC0806 Datasheet HTML 6Page - National Semiconductor (TI) ADC0806 Datasheet HTML 7Page - National Semiconductor (TI) ADC0806 Datasheet HTML 8Page - National Semiconductor (TI) ADC0806 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ADC08061/ADC08062
500 ns A/D Converter with S/H Function and Input
Multiplexer
General Description
Using a patented multi-step A/D conversion technique, the
8-bit ADC08061 and ADC08062 CMOS ADCs offer 500 ns
(typ) conversion time, internal sample-and-hold (S/H), and
dissipate only 125 mW of power. The ADC08062 has a
two-channel multiplexer. The ADC08061/2 family performs
an 8-bit conversion using a 2-bit voltage estimator that gen-
erates the 2 MSBs and two low-resolution (3-bit) flashes that
generate the 6 LSBs.
Input track-and-hold circuitry eliminates the need for an ex-
ternal sample-and-hold. The ADC08061/2 family performs
accurate conversions of full-scale input signals that have a
frequency range of DC to 300 kHz (full-power bandwidth)
without need of an external S/H.
The digital interface has been designed to ease connection
to microprocessors and allows the parts to be I/O or memory
mapped.
Key Specifications
n Resolution
8 bits
n Conversion Time
560 ns max (WR-RD Mode)
n Full Power Bandwidth
300 kHz
n Throughput rate
1.5 MHz
n Power Dissipation
100 mW max
n Total Unadjusted Error
±12 LSB and ±1 LSB
Features
n 1 or 2 input channels
n No external clock required
n Analog input voltage range from GND to V
+
n Overflow output available for cascading (ADC08061)
n ADC08061 pin-compatible with the industry standard
ADC0820
Applications
n Mobile telecommunications
n Hard disk drives
n Instrumentation
n High-speed data acquisition systems
Block Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS011086-1
* ADC08061
** ADC08062
June 1999
© 1999 National Semiconductor Corporation
DS011086
www.national.com


Similar Part No. - ADC0806

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0806 NSC-ADC0806 Datasheet
539Kb / 19P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter
ADC08060 NSC-ADC08060 Datasheet
539Kb / 19P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter
ADC08060 NSC-ADC08060 Datasheet
443Kb / 20P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08060 TI1-ADC08060 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand Hold
logo
National Semiconductor ...
ADC08060CIMT NSC-ADC08060CIMT Datasheet
539Kb / 19P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter
More results

Similar Description - ADC0806

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08061 NSC-ADC08061_09 Datasheet
514Kb / 16P
   500 ns A/D Converter with S/H Function and Input Multiplexer
ADC08161 NSC-ADC08161 Datasheet
246Kb / 15P
   500 ns A/D Converter with S/H Function and 2.5V Bandgap Reference
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10061 NSC-ADC10061 Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10662 NSC-ADC10662 Datasheet
274Kb / 14P
   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10662 TI1-ADC10662_15 Datasheet
1,010Kb / 22P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10064 NSC-ADC10064 Datasheet
342Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461_06 Datasheet
757Kb / 17P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10662 TI1-ADC10662_14 Datasheet
1,008Kb / 23P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com