Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC406MS8G Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC406MS8G
Description  GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC406MS8G Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC406MS8G Datasheet HTML 1Page - Hittite Microwave Corporation HMC406MS8G Datasheet HTML 2Page - Hittite Microwave Corporation HMC406MS8G Datasheet HTML 3Page - Hittite Microwave Corporation HMC406MS8G Datasheet HTML 4Page - Hittite Microwave Corporation HMC406MS8G Datasheet HTML 5Page - Hittite Microwave Corporation HMC406MS8G Datasheet HTML 6Page - Hittite Microwave Corporation HMC406MS8G Datasheet HTML 7Page - Hittite Microwave Corporation HMC406MS8G Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MICROWAVE CORPORATION
8 - 148
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC406MS8G
GaAs InGaP HBT MMIC
POWER AMPLIFIER, 5.0 - 6.0 GHz
v02.1202
Application Circuit
Note 1: C3 should be located < 0.020” from Pin 8 (Vcc)
Note 2: C2 should be located < 0.020” from L1.
TL1
TL2
TL3
Impedance
50 Ohm
50 Ohm
50 Ohm
Length
0.038”
0.231”
0.1”


Similar Part No. - HMC406MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC406MS8G HITTITE-HMC406MS8G Datasheet
222Kb / 6P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 5 - 6 GHz
HMC406MS8G HITTITE-HMC406MS8G Datasheet
296Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
logo
Analog Devices
HMC406MS8G AD-HMC406MS8G Datasheet
438Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC406MS8GE HITTITE-HMC406MS8GE Datasheet
222Kb / 6P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 5 - 6 GHz
logo
Analog Devices
HMC406MS8GE AD-HMC406MS8GE Datasheet
438Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
More results

Similar Description - HMC406MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC406MS8G HITTITE-HMC406MS8G_07 Datasheet
296Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
HMC407MS8G HITTITE-HMC407MS8G Datasheet
279Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 7.0 GHz
HMC407MS8G HITTITE-HMC407MS8G_07 Datasheet
309Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 7.0 GHz
HMC280MS8G HITTITE-HMC280MS8G Datasheet
216Kb / 6P
   GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
HMC280MS8G HITTITE-HMC280MS8G_05 Datasheet
290Kb / 6P
   GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
HMC313 HITTITE-HMC313 Datasheet
205Kb / 6P
   GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC - 6.0 GHz
HMC313 HITTITE-HMC313_07 Datasheet
271Kb / 6P
   GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC - 6.0 GHz
logo
Analog Devices
HMC414MS8G AD-HMC414MS8G Datasheet
379Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC406MS8G AD-HMC406MS8G Datasheet
438Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC407MS8G AD-HMC407MS8G Datasheet
322Kb / 6P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com