Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REG710-27 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # REG710-27
Description  Buck-Boost Charge Pump
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REG710-27 Datasheet(HTML) 9 Page - Texas Instruments

Back Button REG710-27 Datasheet HTML 5Page - Texas Instruments REG710-27 Datasheet HTML 6Page - Texas Instruments REG710-27 Datasheet HTML 7Page - Texas Instruments REG710-27 Datasheet HTML 8Page - Texas Instruments REG710-27 Datasheet HTML 9Page - Texas Instruments REG710-27 Datasheet HTML 10Page - Texas Instruments REG710-27 Datasheet HTML 11Page - Texas Instruments REG710-27 Datasheet HTML 12Page - Texas Instruments REG710-27 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
OUT
IN
V
100
V
u
OUT
IN
Efficiency (%) = V
/ (2
V )
100
u
u
(step-up operating mode)
or
(step-down operating mode)
REG71050, REG71055, REG710
www.ti.com
SBAS221H – DECEMBER 2001 – REVISED OCTOBER 2015
Device Functional Modes (continued)
(1)
Table 1. Operating Mode Change versus VIN
PRODUCT
OPERATING MODE CHANGES AT VIN OF
REG710-2.5
> 3.2 V
REG710-2.7
> 3.4 V
REG710-3
> 3.7 V
REG710-3.3
> 4.0 V
REG710-5, REG71050, REG71055
Step-up only
Table 1 lists the approximate values of the input voltage at which the device changes internal operating mode.
See efficiency curves in Typical Characteristics for various loads and input voltages.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: REG71050 REG71055 REG710


Similar Part No. - REG710-27

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG710-25 TI1-REG710-25 Datasheet
1,022Kb / 26P
[Old version datasheet]   60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
REG710-25 TI-REG710-25_15 Datasheet
1Mb / 32P
[Old version datasheet]   REG710xx Buck-Boost Charge Pump with up to 60-mA Output Current
More results

Similar Description - REG710-27

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6686 SIPEX-SP6686 Datasheet
261Kb / 13P
   400mA Buck/Boost Charge Pump LED Driver
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Lowpower Semiconductor ...
LP3367 POWER-LP3367 Datasheet
730Kb / 10P
   1A Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP6686ER-L-TR EXAR-SP6686ER-L-TR Datasheet
640Kb / 13P
   400mA Buck/Boost Charge Pump LED Driver
logo
Sipex Corporation
SP6680 SIPEX-SP6680 Datasheet
140Kb / 9P
   High Efficiency Buck/Boost Charge Pump Regulator
SP6685 SIPEX-SP6685_06 Datasheet
278Kb / 16P
   700mA Buck/Boost Charge Pump LED Driver
logo
Kingbor Technology Co
KB3386 KINGBOR-KB3386 Datasheet
192Kb / 8P
   400mA Buck/Boost Charge Pump LED Driver
logo
Maxim Integrated Produc...
MAX1759 MAXIM-MAX1759 Datasheet
191Kb / 12P
   Buck/Boost Regulating Charge Pump in uMAX
Rev 0; 1/00
logo
Exar Corporation
SP6685 EXAR-SP6685 Datasheet
565Kb / 14P
   700mA Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com