Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS92640PWPR Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS92640PWPR
Description  Synchronous Buck Controllers for Precision Dimming LED Drivers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92640PWPR Datasheet(HTML) 2 Page - Texas Instruments

  TPS92640PWPR Datasheet HTML 1Page - Texas Instruments TPS92640PWPR Datasheet HTML 2Page - Texas Instruments TPS92640PWPR Datasheet HTML 3Page - Texas Instruments TPS92640PWPR Datasheet HTML 4Page - Texas Instruments TPS92640PWPR Datasheet HTML 5Page - Texas Instruments TPS92640PWPR Datasheet HTML 6Page - Texas Instruments TPS92640PWPR Datasheet HTML 7Page - Texas Instruments TPS92640PWPR Datasheet HTML 8Page - Texas Instruments TPS92640PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
TPS92640, TPS92641
SNVS902A – OCTOBER 2012 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 18
1
Features .................................................................. 1
8
Application and Implementation ........................ 19
2
Applications ........................................................... 1
8.1
Application Information............................................ 19
3
Description ............................................................. 1
8.2
Typical Applications ............................................... 22
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 27
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 28
6
Specifications......................................................... 4
10.1
Layout Guidelines ................................................. 28
6.1
Absolute Maximum Ratings ..................................... 4
10.2
Layout Example .................................................... 28
6.2
ESD Ratings.............................................................. 4
10.3
EMI and Noise Considerations ............................. 29
6.3
Recommended Operating Conditions ...................... 4
11
Device and Documentation Support ................. 30
6.4
Thermal Information .................................................. 5
11.1
Related Links ........................................................ 30
6.5
Electrical Characteristics .......................................... 6
11.2
Community Resources.......................................... 30
6.6
Typical Characteristics .............................................. 8
11.3
Trademarks ........................................................... 30
7
Detailed Description ............................................ 10
11.4
Electrostatic Discharge Caution ............................ 30
7.1
Overview ................................................................. 10
11.5
Glossary ................................................................ 30
7.2
Functional Block Diagram ....................................... 10
12
Mechanical, Packaging, and Orderable
7.3
Feature Description................................................. 11
Information ........................................................... 30
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (October 2012) to Revision A
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................ 1
2
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPS92640 TPS92641


Similar Part No. - TPS92640PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92640PWPR TI-TPS92640PWPR Datasheet
207Kb / 10P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
TPS92640PWPR TI1-TPS92640PWPR Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
TPS92640PWPR/NOPB TI1-TPS92640PWPR/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
More results

Similar Description - TPS92640PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92640 TI-TPS92640 Datasheet
207Kb / 10P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
TPS92640 TI1-TPS92640_16 Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
logo
ON Semiconductor
NCP81166 ONSEMI-NCP81166 Datasheet
80Kb / 9P
   Synchronous Buck MOSFET Drivers
January, 2015 ??Rev. 2
NCP81063 ONSEMI-NCP81063 Datasheet
88Kb / 8P
   Synchronous Buck MOSFET Drivers
June, 2016 ??Rev. P1
NCP5269A ONSEMI-NCP5269A Datasheet
186Kb / 11P
   Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. P1
logo
Anpec Electronics Corop...
APW7158 ANPEC-APW7158 Datasheet
511Kb / 24P
   Dual Synchronous Buck PWM Controllers
logo
ON Semiconductor
NCP1582 ONSEMI-NCP1582 Datasheet
155Kb / 16P
   Low Voltage Synchronous Buck Controllers
July, 2006 ??Rev. 2
logo
Maxim Integrated Produc...
MAX20050 MAXIM-MAX20050 Datasheet
654Kb / 23P
   2A Synchronous-Buck LED Drivers with Integrated MOSFETs
Rev 19; 7/21
logo
List of Unclassifed Man...
WS9822B ETC2-WS9822B Datasheet
786Kb / 11P
   Non-isolated Buck High Precision Three-stage Dimming LED Driver
logo
Shenzhen Winsemi Microe...
WS9822B WINSEMI-WS9822B Datasheet
786Kb / 11P
   Non-isolated Buck High Precision Three-stage Dimming LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com