Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS24712DGSR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS24712DGSR
Description  High-Efficiency Power-Limiting Hot-Swap Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS24712DGSR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS24712DGSR Datasheet HTML 7Page - Texas Instruments TPS24712DGSR Datasheet HTML 8Page - Texas Instruments TPS24712DGSR Datasheet HTML 9Page - Texas Instruments TPS24712DGSR Datasheet HTML 10Page - Texas Instruments TPS24712DGSR Datasheet HTML 11Page - Texas Instruments TPS24712DGSR Datasheet HTML 12Page - Texas Instruments TPS24712DGSR Datasheet HTML 13Page - Texas Instruments TPS24712DGSR Datasheet HTML 14Page - Texas Instruments TPS24712DGSR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
0
4
8
12
16
20
Input Voltage, V
(V)
VCC
0.2
0.3
0.4
0.5
0.6
0.7
V
= 0 V
EN
T = 25°C
T = 125°C
T = –40°C
60
80
100
120
140
160
50
–2
0
10
40
70
100
130
Temperature (°C)
V
= 2.5 V
VCC
V
= 12 V
VCC
V
= 18 V
VCC
60
50
–2
0
10
40
70
100
130
Temperature (°C)
60.5
61
61.5
62
62.5
63
63.5
64
V
= 2.5 V
VCC
V
= 12 V
VCC
V
= 18 V
VCC
60
80
100
120
140
160
50
–2
0
10
40
70
100
130
Temperature (°C)
V
= 2.5 V
VCC
V
= 12 V
VCC
V
= 18 V
VCC
50
–2
0
10
40
70
100
130
Temperature (°C)
V
= 12 V
VCC
2.20
2.24
2.28
2.32
2.36
UVLO Upper Threshold
UVLO Lower Threshold
140
160
180
200
220
240
50
–2
0
10
40
70
100
130
Temperature(°C)
PGFallingandPGbRising
PGbFalling
PGRisingand
TPS24710, TPS24711
TPS24712, TPS24713
www.ti.com
SLVSAL2G – JANUARY 2011 – REVISED NOVEMBER 2015
Typical Characteristics (continued)
Figure 17. Threshold Voltage of VDS vs Temperature, PGb
Figure 16. UVLO Threshold Voltage vs Temperature
and PG Rising and Falling
Figure 19. PG and PGb Open-Drain Output Voltage in Low
Figure 18. Fast-Trip Threshold Voltage vs Temperature
State
Figure 20. FLT and FLTb Open-Drain Output Voltage in Low
Figure 21. Supply Current vs Input Voltage at Various
State
Temperatures When EN Pulled Low
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS24710 TPS24711 TPS24712 TPS24713


Similar Part No. - TPS24712DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24712DGSR TI1-TPS24712DGSR Datasheet
2Mb / 38P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24712DGSR TI1-TPS24712DGSR Datasheet
2Mb / 34P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
More results

Similar Description - TPS24712DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
TPS24710 TI1-TPS24710 Datasheet
2Mb / 34P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710 TI1-TPS24710_17 Datasheet
2Mb / 38P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
LM25069 TI1-LM25069_14 Datasheet
1Mb / 30P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
logo
National Semiconductor ...
LM25069 NSC-LM25069 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
LM25061 NSC-LM25061 Datasheet
602Kb / 22P
   Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25061 TI1-LM25061 Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
LM25069 TI1-LM25069 Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
logo
National Semiconductor ...
LM5067 NSC-LM5067 Datasheet
768Kb / 24P
   Negative Hot Swap / Inrush Current Controller with Power Limiting
LM5069 NSC-LM5069 Datasheet
1Mb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com