Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS25921AD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25921AD
Description  Precise Current Limit and Over Voltage Protection
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25921AD Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS25921AD Datasheet HTML 6Page - Texas Instruments TPS25921AD Datasheet HTML 7Page - Texas Instruments TPS25921AD Datasheet HTML 8Page - Texas Instruments TPS25921AD Datasheet HTML 9Page - Texas Instruments TPS25921AD Datasheet HTML 10Page - Texas Instruments TPS25921AD Datasheet HTML 11Page - Texas Instruments TPS25921AD Datasheet HTML 12Page - Texas Instruments TPS25921AD Datasheet HTML 13Page - Texas Instruments TPS25921AD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
TPS25921A, TPS25921L
SLVSCE1C – AUGUST 2014 – REVISED NOVEMBER 2015
www.ti.com
Typical Characteristics (continued)
Conditions (unless otherwise noted) are –40°C
≤ TJ ≤ 125°C, V(IN)= 12 V, V(EN UV) = 2 V, V(OVP) = 0 V, R(ILIM) = 95.3 kΩ, C(OUT)
= 2.2
μF, CSS = OPEN, FLT = OPEN. Positive current into terminals. All voltages referenced to GND (unless otherwise
noted). For all oscilloscope waveforms TA = 25°C.
R(FLT) = 100 kΩ
R(FLT) = 100 kΩ
Figure 19. EN Turn ON Delay : EN
↑ to Output Ramp ↑
Figure 20. EN Turn OFF Delay : EN
↓ to Fault ↓
RL = 12 Ω
R(FLT) = 100 kΩ
RL = 12 Ω
R(FLT) = 100 kΩ
Figure 21. OVP Turn OFF delay: OVP
↑ to Fault ↓
Figure 22. OVP Turn ON delay: OVP
↓ to Output Ramp ↑
Figure 23. Hot-Short: Fast Trip Response and Current
Figure 24. Hot-Short: Fast Trip Response (Zoomed)
Regulation
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS25921A TPS25921L


Similar Part No. - TPS25921AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25923 TI1-TPS25923 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
TPS259230DRCR TI1-TPS259230DRCR Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
TPS259230DRCT TI1-TPS259230DRCT Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
TPS259231DRCR TI1-TPS259231DRCR Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
More results

Similar Description - TPS25921AD

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WS3202K WILLSEMI-WS3202K Datasheet
197Kb / 8P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM4801 HMSEMI-HM4801 Datasheet
749Kb / 6P
   Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5301 POWER-LP5301 Datasheet
645Kb / 8P
   Over Voltage and Over Current Protection IC
logo
Will Semiconductor Ltd.
WS3202E WILLSEMI-WS3202E Datasheet
389Kb / 7P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM9709 HMSEMI-HM9709 Datasheet
2Mb / 8P
   Over Voltage and Over Current Protection IC
HM4802 HMSEMI-HM4802 Datasheet
715Kb / 5P
   Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5300 POWER-LP5300 Datasheet
462Kb / 7P
   Over Voltage and Over Current Protection IC
LP5302 POWER-LP5302 Datasheet
722Kb / 7P
   Over Voltage and Over Current Protection IC
logo
Shenzhen Huazhimei Semi...
HM4805 HMSEMI-HM4805 Datasheet
659Kb / 5P
   Over voltage and over current protection IC
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
   Over Current / Over Voltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com