Electronic Components Datasheet Search |
|
BQ7694000DBTR Datasheet(PDF) 11 Page - Texas Instruments |
|
|
BQ7694000DBTR Datasheet(HTML) 11 Page - Texas Instruments |
11 / 63 page bq76920, bq76930, bq76940 www.ti.com SLUSBK2F – OCTOBER 2013 – REVISED NOVEMBER 2015 6 Electrical Specifications 6.1 Absolute Maximum Ratings Over-operating free-air temperature range (unless otherwise noted) MIN MAX UNIT (BAT–VSS) bq76920 Supply voltage VBAT (BAT–VC5x), (VC5x–VSS) bq76930 –0.3 36 V range (BAT–VC10x), (VC10x–VC5x), (VC5x–VSS) bq76940 (VCn–VSS) where n = 1..5 bq76920 (VCn–VSS) where n = 1..5, (VCn-VC5x) where n = bq76930 6..10 –0.3 (n × 7.2) V (VCn–VSS) where n = 1..5, (VCn–VC5x) where n = bq76940 6..10, (VCn–VC10x) where n = 11..15 Cell input pins, differential (VCn–VCn–1) where n = 1..15/10/5 –0.3 9 V (bq76940/bq76930/bq76920, respectively) Input voltage VI SRN, SRP, SCL, SDA range (VC0–VSS), (CAP1–VSS), (TS1–VSS)(1) bq76920 (VC0–VSS), (VC5b–VC5x), (CAP2–VC5x), bq76930 –0.3 3.6 (CAP1–VSS), (TS2–VC5x), (TS1–VSS)(1) V (VC0–VSS), (VC5b–VC5x), (VC10b–VC10x), (CAP3–VC10x), (CAP2–VC5x), (CAP1–VSS), bq76940 (TS3–VC10x), (TS2–VC5x), (TS1–VSS)(1) REGSRC –0.3 36 REGOUT, ALERT –0.3 3.6 Output voltage VO DSG –0.3 20 V range CHG –0.3 VCHGCLAMP bq76920 70 mA ICB Cell balancing current (per cell) bq76930, 5 mA bq76940 IDSG Discharge pin input current when disabled (measured into terminal) 7 mA Storage temperature range –65 150 TSTG °C Lead temperature (soldering, 10 s) 300 (1) The Absolute Maximum Ratings for (TS1–VSS) apply after the device completes POR and should be observed after tBOOTREADY (10 ms), following the application of the boot signal on TS1. Prior to completion of POR, TS1 should not exceed 5 V. 6.2 ESD Ratings VALUE UNIT Human body model (HBM) ESD stress voltage(1) ±2 kV Electrostatic V(ESD) discharge Charged device model (CDM) ESD stress voltage(2) ±500 V (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 6.3 Recommended Operating Conditions Over-operating free-air temperature range (unless otherwise noted). See Section 8.1.1 for more information on cell configurations. All voltages are relative to VSS, except "Cell input differential." MIN TYP MAX UNIT (BAT–VSS) bq76920 Supply voltage (BAT–VC5x), (VC5x–VSS) bq76930 VBAT 6 25 V range (BAT–VC10x), (VC10x–VC5x), bq76940 (VC5x–VSS) Copyright © 2013–2015, Texas Instruments Incorporated Electrical Specifications 11 Submit Documentation Feedback Product Folder Links: bq76920 bq76930 bq76940 |
Similar Part No. - BQ7694000DBTR |
|
Similar Description - BQ7694000DBTR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |