Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ7693007DBTR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ7693007DBTR
Description  15-Series Cell Battery Monitor Family
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ7693007DBTR Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ7693007DBTR Datasheet HTML 7Page - Texas Instruments BQ7693007DBTR Datasheet HTML 8Page - Texas Instruments BQ7693007DBTR Datasheet HTML 9Page - Texas Instruments BQ7693007DBTR Datasheet HTML 10Page - Texas Instruments BQ7693007DBTR Datasheet HTML 11Page - Texas Instruments BQ7693007DBTR Datasheet HTML 12Page - Texas Instruments BQ7693007DBTR Datasheet HTML 13Page - Texas Instruments BQ7693007DBTR Datasheet HTML 14Page - Texas Instruments BQ7693007DBTR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
bq76920, bq76930, bq76940
www.ti.com
SLUSBK2F – OCTOBER 2013 – REVISED NOVEMBER 2015
6
Electrical Specifications
6.1
Absolute Maximum Ratings
Over-operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
(BAT–VSS)
bq76920
Supply voltage
VBAT
(BAT–VC5x), (VC5x–VSS)
bq76930
–0.3
36
V
range
(BAT–VC10x), (VC10x–VC5x), (VC5x–VSS)
bq76940
(VCn–VSS) where n = 1..5
bq76920
(VCn–VSS) where n = 1..5, (VCn-VC5x) where n =
bq76930
6..10
–0.3
(n × 7.2)
V
(VCn–VSS) where n = 1..5, (VCn–VC5x) where n =
bq76940
6..10, (VCn–VC10x) where n = 11..15
Cell input pins, differential (VCn–VCn–1) where n = 1..15/10/5
–0.3
9
V
(bq76940/bq76930/bq76920, respectively)
Input voltage
VI
SRN, SRP, SCL, SDA
range
(VC0–VSS), (CAP1–VSS), (TS1–VSS)(1)
bq76920
(VC0–VSS), (VC5b–VC5x), (CAP2–VC5x),
bq76930
–0.3
3.6
(CAP1–VSS), (TS2–VC5x), (TS1–VSS)(1)
V
(VC0–VSS), (VC5b–VC5x), (VC10b–VC10x),
(CAP3–VC10x), (CAP2–VC5x), (CAP1–VSS),
bq76940
(TS3–VC10x), (TS2–VC5x), (TS1–VSS)(1)
REGSRC
–0.3
36
REGOUT, ALERT
–0.3
3.6
Output voltage
VO
DSG
–0.3
20
V
range
CHG
–0.3 VCHGCLAMP
bq76920
70
mA
ICB
Cell balancing current (per cell)
bq76930,
5
mA
bq76940
IDSG
Discharge pin input current when disabled (measured into terminal)
7
mA
Storage temperature range
–65
150
TSTG
°C
Lead temperature (soldering, 10 s)
300
(1)
The Absolute Maximum Ratings for (TS1–VSS) apply after the device completes POR and should be observed after tBOOTREADY
(10 ms), following the application of the boot signal on TS1. Prior to completion of POR, TS1 should not exceed 5 V.
6.2
ESD Ratings
VALUE
UNIT
Human body model (HBM) ESD stress voltage(1)
±2
kV
Electrostatic
V(ESD)
discharge
Charged device model (CDM) ESD stress voltage(2)
±500
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3
Recommended Operating Conditions
Over-operating free-air temperature range (unless otherwise noted). See Section 8.1.1 for more information on cell
configurations. All voltages are relative to VSS, except "Cell input differential."
MIN
TYP
MAX
UNIT
(BAT–VSS)
bq76920
Supply voltage
(BAT–VC5x), (VC5x–VSS)
bq76930
VBAT
6
25
V
range
(BAT–VC10x), (VC10x–VC5x),
bq76940
(VC5x–VSS)
Copyright © 2013–2015, Texas Instruments Incorporated
Electrical Specifications
11
Submit Documentation Feedback
Product Folder Links: bq76920 bq76930 bq76940


Similar Part No. - BQ7693007DBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76905 TI1-BQ76905 Datasheet
2Mb / 61P
[Old version datasheet]   BQ76905 2-Series to 5-Series High Accuracy Battery Monitor and Protector for Li-Ion, Li-Polymer, LiFePO4 (LFP), and LTO Battery Packs
NOVEMBER 2023
BQ76905RGRR TI1-BQ76905RGRR Datasheet
2Mb / 61P
[Old version datasheet]   BQ76905 2-Series to 5-Series High Accuracy Battery Monitor and Protector for Li-Ion, Li-Polymer, LiFePO4 (LFP), and LTO Battery Packs
NOVEMBER 2023
BQ76905XY TI1-BQ76905XY Datasheet
2Mb / 61P
[Old version datasheet]   BQ76905 2-Series to 5-Series High Accuracy Battery Monitor and Protector for Li-Ion, Li-Polymer, LiFePO4 (LFP), and LTO Battery Packs
NOVEMBER 2023
BQ76907 TI1-BQ76907 Datasheet
2Mb / 64P
[Old version datasheet]   BQ76907 2-Series to 7-Series High Accuracy Battery Monitor and Protector for Li-Ion, Li-Polymer, LiFePO4 (LFP), and LTO Battery Packs
NOVEMBER 2023
BQ76907RGRR TI1-BQ76907RGRR Datasheet
2Mb / 64P
[Old version datasheet]   BQ76907 2-Series to 7-Series High Accuracy Battery Monitor and Protector for Li-Ion, Li-Polymer, LiFePO4 (LFP), and LTO Battery Packs
NOVEMBER 2023
More results

Similar Description - BQ7693007DBTR

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8506C AMSCO-AS8506C Datasheet
996Kb / 94P
   Battery Cell Monitor and Balancer IC
AS8506 AMSCO-AS8506 Datasheet
921Kb / 89P
   Battery Cell Monitor and Balancer IC
logo
Texas Instruments
BQ76PL455A TI1-BQ76PL455A Datasheet
2Mb / 125P
[Old version datasheet]   16-Cell Industrial Integrated Battery Monitor
logo
uPI Group Inc.
UG3105 UPI-UG3105 Datasheet
393Kb / 25P
   1-Cell Battery Monitor Gas Gauge IC
logo
Analog Devices
ADBMS1818 AD-ADBMS1818 Datasheet
5Mb / 89P
   18-Cell Battery Monitor with Daisy Chain Interface
logo
Texas Instruments
BQ76PL102 TI-BQ76PL102 Datasheet
979Kb / 18P
[Old version datasheet]   PowerLAN Dual-Cell Li-Ion Battery Monitor With PowerPump Cell Balancing
BQ76PL536A TI1-BQ76PL536A_16 Datasheet
1Mb / 74P
[Old version datasheet]   Cell Lithium-Ion Battery Monitor and Secondary Protection IC
logo
Intersil Corporation
ISL94203IRTZ INTERSIL-ISL94203IRTZ Datasheet
1Mb / 63P
   3-to-8 Cell Li-ion Battery Pack Monitor
August 17, 2015
logo
Texas Instruments
BQ76PL455A-Q1 TI1-BQ76PL455A-Q1 Datasheet
2Mb / 130P
[Old version datasheet]   16-Cell EV/HEV Integrated Battery Monitor and Protector
logo
Intersil Corporation
X3102 INTERSIL-X3102 Datasheet
579Kb / 32P
   3 Cell Li-Ion Battery Protection and Monitor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com