Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REG71050DRVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # REG71050DRVR
Description  Buck-Boost Charge Pump
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REG71050DRVR Datasheet(HTML) 5 Page - Texas Instruments

  REG71050DRVR Datasheet HTML 1Page - Texas Instruments REG71050DRVR Datasheet HTML 2Page - Texas Instruments REG71050DRVR Datasheet HTML 3Page - Texas Instruments REG71050DRVR Datasheet HTML 4Page - Texas Instruments REG71050DRVR Datasheet HTML 5Page - Texas Instruments REG71050DRVR Datasheet HTML 6Page - Texas Instruments REG71050DRVR Datasheet HTML 7Page - Texas Instruments REG71050DRVR Datasheet HTML 8Page - Texas Instruments REG71050DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
REG71050, REG71055, REG710
www.ti.com
SBAS221H – DECEMBER 2001 – REVISED OCTOBER 2015
Electrical Characteristics (continued)
TA = -40ºC to 85ºC, typical values are at TA = 25°C (unless otherwise noted), VIN = (VOUT / 2 + 0.75 V), IOUT = 10 mA, CIN =
COUT = 2.2 μF, CPUMP = 0.22 μF, and VENABLE = 1.3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
IOUT ≤ 10 mA, 3 V ≤ VIN ≤ 5.5 V
5.2
5.5
5.8
V
REG71055
IOUT ≤ 30 mA, 3.25 V ≤ VIN ≤ 5.5 V
5.2
5.5
5.8
V
IOUT ≤ 10 mA, 2.7 V ≤ VIN ≤ 5.5 V
4.7
5
5.3
V
REG710-5, REG71050
IOUT ≤ 30 mA, 3 V ≤ VIN ≤ 5.5 V
4.7
5
5.3
V
IOUT ≤ 60 mA, 3.3 V ≤ VIN ≤ 4.2 V
4.6
5
5.4
V
IOUT ≤ 10 mA, 1.8 V ≤ VIN ≤ 5.5 V
3.1
3.3
3.5
V
REG710-3.3
IOUT ≤ 30 mA, 2.2 V ≤ VIN ≤ 5.5 V
3.1
3.3
3.5
V
IOUT ≤ 10 mA, 1.8 V ≤ VIN ≤ 5.5 V
2.82
3
3.18
V
REG710-3
IOUT ≤ 30 mA, 2.2 V ≤ VIN ≤ 5.5 V
2.82
3
3.18
V
IOUT ≤ 10 mA, 1.8 V ≤ VIN ≤ 5.5 V
2.54
2.7
2.86
V
REG710-2.7
IOUT ≤ 30 mA, 2 V ≤ VIN ≤ 5.5 V
2.54
2.7
2.86
V
IOUT ≤ 10 mA, 1.8 V ≤ VIN ≤ 5.5 V
2.35
2.5
2.65
V
REG710-2.5
IOUT ≤ 30 mA, 2 V ≤ VIN ≤ 5.5 V
2.35
2.5
2.65
V
Iout
Nominal output current
TA = 25°C
30
mA
Isc
Short circuit output current
TA = 25°C
100
mA
RIPPLE VOLTAGE (2)
IOUT = 30 mA, TA = 25°C
35
mVPP
IOUT = 10 mA, VIN = 1.8 V, REG710-
EFFICIENCY(3)
90%
3.3, TA = 25°C
THERMAL SHUTDOWN
Shutdown temperature
160
°C
Shutdown recovery
140
°C
(2)
Effective series resistance (ESR) of capacitors is < 0.1
Ω.
(3)
See efficiency curves for other VIN/VOUT configurations.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: REG71050 REG71055 REG710


Similar Part No. - REG71050DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG71050DRVR TI-REG71050DRVR Datasheet
777Kb / 22P
[Old version datasheet]   60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
REG71050DRVR TI1-REG71050DRVR Datasheet
1,022Kb / 26P
[Old version datasheet]   60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
REG71050DRVRG4 TI1-REG71050DRVRG4 Datasheet
1,022Kb / 26P
[Old version datasheet]   60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
More results

Similar Description - REG71050DRVR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6686 SIPEX-SP6686 Datasheet
261Kb / 13P
   400mA Buck/Boost Charge Pump LED Driver
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Lowpower Semiconductor ...
LP3367 POWER-LP3367 Datasheet
730Kb / 10P
   1A Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP6686ER-L-TR EXAR-SP6686ER-L-TR Datasheet
640Kb / 13P
   400mA Buck/Boost Charge Pump LED Driver
logo
Sipex Corporation
SP6680 SIPEX-SP6680 Datasheet
140Kb / 9P
   High Efficiency Buck/Boost Charge Pump Regulator
SP6685 SIPEX-SP6685_06 Datasheet
278Kb / 16P
   700mA Buck/Boost Charge Pump LED Driver
logo
Kingbor Technology Co
KB3386 KINGBOR-KB3386 Datasheet
192Kb / 8P
   400mA Buck/Boost Charge Pump LED Driver
logo
Maxim Integrated Produc...
MAX1759 MAXIM-MAX1759 Datasheet
191Kb / 12P
   Buck/Boost Regulating Charge Pump in uMAX
Rev 0; 1/00
logo
Exar Corporation
SP6685 EXAR-SP6685 Datasheet
565Kb / 14P
   700mA Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com