Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC59581 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59581
Description  48-Channel, 16-Bit ES-PWM LED Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC59581 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC59581 Datasheet HTML 2Page - Texas Instruments TLC59581 Datasheet HTML 3Page - Texas Instruments TLC59581 Datasheet HTML 4Page - Texas Instruments TLC59581 Datasheet HTML 5Page - Texas Instruments TLC59581 Datasheet HTML 6Page - Texas Instruments TLC59581 Datasheet HTML 7Page - Texas Instruments TLC59581 Datasheet HTML 8Page - Texas Instruments TLC59581 Datasheet HTML 9Page - Texas Instruments TLC59581 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TLC59581, TLC59582
SLVSCZ9A – OCTOBER 2015 – REVISED NOVEMBER 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
MIN
MAX
UNIT
VCC
(2)
Supply voltage
VCC
0.3
6.0
V
IOUT
Output current (dc)
OUTx0 to OUTx15, x = R, G, B
30
mA
VIN
(2)
Input voltage
SIN, SCLK, LAT, GCLK, IREF
–0.3
VCC+0.3
V
SOUT
–0.3
VCC+0.3
VOUT
(2)
Output voltage
V
OUTx0 to OUTx15, x = R, G, B
–0.3
11
TJ(MAX)
Operating junction temperature
150
°C
TSTG
Storage temperature range
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to device ground terminal.
7.2 ESD Ratings
MIN
MAX
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
0
4000
pins(2)
Electrostatic
V(ESD)
(1)
V
discharge
Charged device model (CDM), per JEDEC specification
0
1000
JESD22-C101, all pins(3)
(1)
Electrostatic discharge (ESD) measures device sensitivity and immunity to damage caused by assembly line electrostatic discharges
into the device.
(2)
Level listed above is the passing level per ANSI, ESDA, and JEDEC JS-001. JEDEC document JEP155 states that 500-V HBM allows
safe manufacturing with a standard ESD control process.
(3)
Level listed above is the passing level per EIA-JEDEC JESD22-C101. JEDEC document JEP157 states that 250-V CDM allows safe
manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
At TA = –40°C to 85°C, unless otherwise noted
MIN
NOM
MAX
UNIT
DC CHARACTERISTICS, VCC = 3 V to 5.5 V
VCC
Supply voltage
3
5.5
V
VO
Voltage applied to output
OUTx0 to OUTx15, x = R, G, B
10
V
VIH
High level input voltage
SIN, SCLK, LAT, GCLK
0.7 × VCC
VCC
V
0.3 ×
VIL
Low level input voltage
SIN, SCLK, LAT, GCLK
GND
V
VCC
IOH
High level output current
SOUT
–2
mA
IOL
Low level output current
SOUT
2
mA
OUTx0 to OUTx15, x = R, G, B,
20
3 V
≤ VCC ≤ 3.6 V
IOLC
Constant output sink current
mA
OUTx0 to OUTx15, x = R, G, B,
25
4 V < VCC
≤ 5.5 V
TA
Operating free air temperature
–40
85
°C
TJ
Operation junction temperature
–40
125
°C
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
TLC59582


Similar Part No. - TLC59581

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5958 TI1-TLC5958 Datasheet
1Mb / 28P
[Old version datasheet]   TLC5958 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED Open Detection and Display Data Memory Support 32-Multiplexing
TLC5958RTQR TI1-TLC5958RTQR Datasheet
1Mb / 28P
[Old version datasheet]   TLC5958 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED Open Detection and Display Data Memory Support 32-Multiplexing
TLC5958RTQT TI1-TLC5958RTQT Datasheet
1Mb / 28P
[Old version datasheet]   TLC5958 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED Open Detection and Display Data Memory Support 32-Multiplexing
More results

Similar Description - TLC59581

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC6946 TI1-TLC6946_19 Datasheet
2Mb / 35P
[Old version datasheet]   16-Channel 32-, 48-Multiplexing 16-Bit ES-PWM Constant-Current LED Driver
TLC5948A TI1-TLC5948A Datasheet
1Mb / 50P
[Old version datasheet]   16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver
TLC6946 TI1-TLC6946 Datasheet
328Kb / 27P
[Old version datasheet]   16-Channel 32-Multiplexing 16-Bit ES-PWM Constant-Current LED Driver
TLC5957 TI1-TLC5957 Datasheet
1,004Kb / 25P
[Old version datasheet]   TLC5957 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED OPEN Detection and Caterpillar Cancelling
TLC5949 TI-TLC5949 Datasheet
1Mb / 51P
[Old version datasheet]   16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
TLC6C5748-Q1 TI-TLC6C5748-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   TLC6C5748-Q1 48-Channel, 16-bit, PWM LED Driver with Internal Current Settings
TLC5958 TI1-TLC5958 Datasheet
1Mb / 28P
[Old version datasheet]   TLC5958 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED Open Detection and Display Data Memory Support 32-Multiplexing
logo
System Logic Semiconduc...
SL70D0948 SLS-SL70D0948 Datasheet
149Kb / 17P
   48 OUTPUT LED DRIVER / 9 BIT PWM CONTROLLER
logo
List of Unclassifed Man...
MBI5031 ETC2-MBI5031 Datasheet
527Kb / 20P
   16-Channel PWM-Embedded LED Driver
logo
Texas Instruments
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com