Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3402HVMM Datasheet(PDF) 8 Page - Texas Instruments

Part # LM3402HVMM
Description  0.5A Constant Current Buck Regulator
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3402HVMM Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3402HVMM Datasheet HTML 4Page - Texas Instruments LM3402HVMM Datasheet HTML 5Page - Texas Instruments LM3402HVMM Datasheet HTML 6Page - Texas Instruments LM3402HVMM Datasheet HTML 7Page - Texas Instruments LM3402HVMM Datasheet HTML 8Page - Texas Instruments LM3402HVMM Datasheet HTML 9Page - Texas Instruments LM3402HVMM Datasheet HTML 10Page - Texas Instruments LM3402HVMM Datasheet HTML 11Page - Texas Instruments LM3402HVMM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
LM3402, LM3402HV
SNVS450F – SEPTEMBER 2006 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics (continued)
Figure 7. TON vs VIN, RON = 100 kΩ (TA = 25°C)
Figure 8. TON vs VIN (TA = 25°C)
Figure 9. TON vs VIN, (TA = 25°C)
Figure 10. TON vs RON, LM3402 (TA = 25°C)
Figure 11. TON vs RON, LM3402HV (TA = 25°C)
Figure 12. VCC vs VIN (TA = 25°C)
8
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM3402 LM3402HV


Similar Part No. - LM3402HVMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3402HVMM NSC-LM3402HVMM Datasheet
844Kb / 22P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402HVMM NSC-LM3402HVMM Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402HVMM TI1-LM3402HVMM Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402HVMM TI-LM3402HVMM Datasheet
1Mb / 38P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402HVMMX NSC-LM3402HVMMX Datasheet
844Kb / 22P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
More results

Similar Description - LM3402HVMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402HVMR TI-LM3402HVMR Datasheet
1Mb / 38P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402 Datasheet
844Kb / 22P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3405 TI1-LM3405_13 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Current Buck Regulator
LM3402 TI1-LM3402_11 Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Shenzhen Huazhimei Semi...
HM9805 HMSEMI-HM9805 Datasheet
492Kb / 7P
   100V 0.5A Switching Current Buck PFM LED Constant Current Driver
logo
XLSEMI
XL8005 XLSEMI-XL8005 Datasheet
142Kb / 7P
   100V 0.5A Switching Current Buck PFM LED Constant Current Driver
logo
List of Unclassifed Man...
XL8005 ETC2-XL8005 Datasheet
203Kb / 7P
   100V 0.5A Switching Current Buck PFM LED Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM9803 HMSEMI-HM9803 Datasheet
598Kb / 7P
   80V 0.5A Switching Current Buck PFM LED Constant Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com