Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C490098LIE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C490098LIE
Description  1:3 CMOS Clock Buffer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C490098LIE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C490098LIE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C490098LIE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C490098LIE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C490098LIE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C490098LIE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.pericom.com
PI6C490098
RevB
1/14/2016
PI6C490098
1:3 25MHz Clock Buffer
Power Requirements(Over operating free-air temperature range)
Storage Temperature.......................................................... –65°C to +150°C
Supply Voltage to Ground Potential, VDD ........................–0.5V to +4.6V
Note: Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Symbol
Parameter
Min.
Typ.
Max.
Units
VDD
Power Supply Voltage
3.135
3.3
3.465
V
VDDO
Power Supply Voltage for outputs
1.71
3.465
V
IDD
Power supply current, no load
5
mA
TA
Ambient Operating Temperature
0
+70
°C
-40
+85
tUP
Power Supply Ramp Time
4
ms
Symbol Parameter
Condition
Min.
Typ.
Max.
Units
VIH
Input High Voltage
CLKIN, OE#
VDD/2+1
V
VIL
Input Low Voltage
CLKIN, OE#
VDD/2-1
V
VOH
Output High Voltage
IOH = -8mA
VDDO – 0.4
V
VOL
Output Low Voltage
IOL = 8mA
0.4
V
ZO
Nominal Output Impedance
20
W
RPD
Internal Pull-down Resistor
OE#
230
kW
CLKIN
320
CIN
Input Capacitance
OE#
5
pF
CLKIN
7
DC Electrical Characteristics
16-0010


Similar Part No. - PI6C490098LIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C490094 PERICOM-PI6C490094 Datasheet
830Kb / 6P
   1:4 24MHz Clock Buffer
PI6C490094LE PERICOM-PI6C490094LE Datasheet
830Kb / 6P
   1:4 24MHz Clock Buffer
PI6C490094LIE PERICOM-PI6C490094LIE Datasheet
830Kb / 6P
   1:4 24MHz Clock Buffer
More results

Similar Description - PI6C490098LIE

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG3SY3952 DIALOG-SLG3SY3952 Datasheet
117Kb / 10P
   1:3 Clock Buffer
logo
Texas Instruments
CDCP1803 TI1-CDCP1803_13 Datasheet
932Kb / 25P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER
logo
Freescale Semiconductor...
MPC94551 FREESCALE-MPC94551 Datasheet
69Kb / 4P
   Low Voltage 1:4 CMOS Clock Buffer
logo
Renesas Technology Corp
MPC94551 RENESAS-MPC94551 Datasheet
331Kb / 7P
   Low Voltage 1:4 CMOS Clock Buffer
2019
logo
Silicon Laboratories
SI53365 SILABS-SI53365 Datasheet
1Mb / 14P
   1:8 LOW JITTER CMOS CLOCK BUFFER
logo
Texas Instruments
CDCP1803 TI-CDCP1803 Datasheet
308Kb / 19P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCP1803-EP TI1-CDCP1803-EP Datasheet
595Kb / 24P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
logo
Renesas Technology Corp
5V551 RENESAS-5V551 Datasheet
201Kb / 5P
   1:4 CLOCK BUFFER
Mar 2020
logo
Integrated Device Techn...
IDT49FCT805 IDT-IDT49FCT805_09 Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805AQGI IDT-IDT49FCT3805AQGI Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com