Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAM-011177-1SMB Datasheet(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-011177-1SMB
Description  Push-Pull CATV Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-011177-1SMB Datasheet(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAM-011177-1SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAM-011177-1SMB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAM-011177-1SMB Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAM-011177-1SMB Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MAAM-011177-1SMB Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MAAM-011177-1SMB Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. MAAM-011177-1SMB Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. MAAM-011177-1SMB Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. MAAM-011177-1SMB Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Push-Pull CATV Amplifier
45 - 1200 MHz
Rev. V2
MAAM-011177
11
11
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
11
Off-Chip Component Values: 45 - 1000 MHz Applications
Component
Value
Package
QTY
Vendor
Part Number
C1 - C10
0.01 µF
0402
10
MURATA
GRM155R71H103KA88D
C11
0.6 pF
0402
1
AVX
ACCU-P 04023J0R6AB
C12
0.4 pF
0402
1
AVX
ACCU-P 04023J0R4AB
C13
0.3 pF
0402
1
AVX
ACCU-P 04023J0R3AB
C14
1.0 pF
0402
1
AVX
ACCU-P 04023J1R0AB
C15, C16
0402
0
OPEN — NOT USED
C17
0402
0
OPEN — NOT USED
L1, L2
22 nH
0402
2
COILCRAFT
0402CS-22NXJL
L3, L4
18 nH
0402
2
COILCRAFT
0402CS-18NXJL
L5, L6, L8
6.2 nH
0402
3
COILCRAFT
0402CS-6N2XJL
L7
2 nH
0402
1
COILCRAFT
0402CS-2N0XJL
L9, L10
3.6 nH
0402
2
COILCRAFT
0402CS-3N6XJL
R1, R2, R4 - R7
300 Ω
0402
6
PANASONIC
ERJ-2RKF3000X
R3
2610 Ω
0402
1
PANASONIC
ERJ-2RKF2611X
FB1, FB2
1800 Ω
0402
2
MURATA
BLM15HD182SN1D
T1
1:1
1
MACOM
MABA-010321-CT1A42
T2
1:3
1
MACOM
MABA-010441-CT38A0


Similar Part No. - MAAM-011177-1SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-011100 MA-COM-MAAM-011100 Datasheet
369Kb / 7P
   Broadband Variable Gain Amplifier
MAAM-011100 MA-COM-MAAM-011100 Datasheet
1Mb / 7P
   Broadband Variable Gain Amplifier
MAAM-011100-001SMB MA-COM-MAAM-011100-001SMB Datasheet
1Mb / 7P
   Broadband Variable Gain Amplifier
MAAM-011100-TR1000 MA-COM-MAAM-011100-TR1000 Datasheet
1Mb / 7P
   Broadband Variable Gain Amplifier
MAAM-011100 MA-COM-MAAM-011100_14 Datasheet
1Mb / 7P
   Broadband Variable Gain Amplifier
More results

Similar Description - MAAM-011177-1SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-010144 MA-COM-MAAM-010144_15 Datasheet
875Kb / 7P
   Push Pull CATV Amplifier
MAAMSS0044 MA-COM-MAAMSS0044_15 Datasheet
870Kb / 6P
   Push Pull CATV Amplifier
MAAMSS0044 MA-COM-MAAMSS0044 Datasheet
210Kb / 5P
   Push Pull CATV Amplifier
MAAM-010144 MA-COM-MAAM-010144 Datasheet
235Kb / 6P
   Push Pull CATV Amplifier
logo
List of Unclassifed Man...
AG606 ETC1-AG606 Datasheet
503Kb / 6P
   Push-Pull CATV Amplifier
logo
WJ Communication. Inc.
AG606 WJCI-AG606 Datasheet
340Kb / 5P
   Push-Pull CATV Amplifier
logo
Qorvo, Inc
AG606 QORVO-AG606 Datasheet
325Kb / 5P
   Push-Pull CATV Amplifier
logo
M/A-COM Technology Solu...
MAAM-009455 MA-COM-MAAM-009455 Datasheet
285Kb / 6P
   Push Pull CATV Amplifier
MAAM-009455 MA-COM-MAAM-009455_15 Datasheet
925Kb / 7P
   Push Pull CATV Amplifier
logo
TriQuint Semiconductor
TAT8858A1H TRIQUINT-TAT8858A1H_15 Datasheet
1Mb / 25P
   CATV Infrastructure Push-Pull Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com