Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C490098 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C490098
Description  1:3 CMOS Clock Buffer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C490098 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C490098 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C490098 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C490098 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C490098 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C490098 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.pericom.com
PI6C490098
RevB
1/14/2016
PI6C490098
1:3 25MHz Clock Buffer
AC Electrical Characteristics (Note 4)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
FIN
Input Frequency
Fundamental Crystal
10
25
52
MHz
Input Clock
1
25
125
MHz
tR
Output Rise Time
20% to 80% 25MHz, Note 1,
1
ns
tF
Output Fall Time
80% to 20% 25MHz, Note 1,
1
ns
tDC
Duty Cycle
V
DDO = 2.5V and 3.3V
47
50
53
%
V
DDO = 1.8V
45
55
%
Ferror
Output Frequency Synthesis Error
0
ppm
Jphase
Clock Phase Jitter (RMS)
25MHz, Note 2
0.5
1.5
ps
Jadd
Additive Jitter
25MHz, Note 3,
300
fs
1. Note 1: Measured with 7 pF lump load.
2. Note 2: 12 kHz to 20 MHz offset frequency using a crystal input.
3. Note 3: CLKIN input with X2 floating.
4. Note 4: Do not drive this device without a crystal or valid clock input
VDD
CLOAD (7pF lump load)
VDD
GND GND
CLK out
OUTPUTS
0.1µF
0.1µF
VDD
VDDO
CMOS Test Configuration
C1
20pF
Crystal�(C
L�=�16pF)
C2
20pF
X1
X2
Crystal Oscillator Circuit
PI6C490098
X1
X2
TCXO
Pull up and Pull down
resistors are optional
C=22nF
Input AC Coupling Application
16-0010


Similar Part No. - PI6C490098

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C490094 PERICOM-PI6C490094 Datasheet
830Kb / 6P
   1:4 24MHz Clock Buffer
PI6C490094LE PERICOM-PI6C490094LE Datasheet
830Kb / 6P
   1:4 24MHz Clock Buffer
PI6C490094LIE PERICOM-PI6C490094LIE Datasheet
830Kb / 6P
   1:4 24MHz Clock Buffer
More results

Similar Description - PI6C490098

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG3SY3952 DIALOG-SLG3SY3952 Datasheet
117Kb / 10P
   1:3 Clock Buffer
logo
Texas Instruments
CDCP1803 TI1-CDCP1803_13 Datasheet
932Kb / 25P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER
logo
Freescale Semiconductor...
MPC94551 FREESCALE-MPC94551 Datasheet
69Kb / 4P
   Low Voltage 1:4 CMOS Clock Buffer
logo
Renesas Technology Corp
MPC94551 RENESAS-MPC94551 Datasheet
331Kb / 7P
   Low Voltage 1:4 CMOS Clock Buffer
2019
logo
Silicon Laboratories
SI53365 SILABS-SI53365 Datasheet
1Mb / 14P
   1:8 LOW JITTER CMOS CLOCK BUFFER
logo
Texas Instruments
CDCP1803 TI-CDCP1803 Datasheet
308Kb / 19P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCP1803-EP TI1-CDCP1803-EP Datasheet
595Kb / 24P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
logo
Renesas Technology Corp
5V551 RENESAS-5V551 Datasheet
201Kb / 5P
   1:4 CLOCK BUFFER
Mar 2020
logo
Integrated Device Techn...
IDT49FCT805 IDT-IDT49FCT805_09 Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805AQGI IDT-IDT49FCT3805AQGI Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com