Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAL-007304 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-007304
Description  Low Noise Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-007304 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAL-007304_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-007304_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-007304_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-007304_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-007304_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Low Noise Amplifier
0.5 - 3.0 GHz
Rev. V4
MAAL-007304
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Recommended PCB Configuration
External Parts List
Schematic
RFOUT
L2
6
3
1
2,5
RFIN
C1
L1
4
VDD1
L6
C4
VDD2
L5
C3
C2
L4
L3
TL1
TL2
Component
Value
Footprint Manufacturer
C1
3 pF
0603
ATC
C2
8.2 pF
0603
ATC
C3, C4
0.1 µF
0402
Panasonic
L1
5.6 nH
0402
Panasonic
L2, L5
6.8 nH
0402
Coilcraft
L3
1.5 nH
0402
Toko
L4
3.9 nH
0402
Toko
L6
7.5 nH
0402
Coilcraft
TL1
47.5 Ω, 34° @ 2.3 GHz
TL2
47.5 Ω, 15.5° @ 2.3 GHz
Parameter
Units
Min.
Typ.
Max.
Gain
dB
24.0
25.5
27.0
Noise Figure
dB
0.7
0.85
Current
mA
11.5
13.0
Parameter
Units
Typ.
Input Return Loss
dB
15
Output Return Loss
dB
10
Input IP3
dBm
-6
Output IP3
dBm
19
Output P1dB
dBm
7
Electrical Specifications: F = 2.3 GHz, VDD = +3 V, TA = +25°C, ZO = 50 Ω
Typical Performance: F = 2.3 GHz, VDD = +3 V, TA = +25°C, ZO = 50 Ω


Similar Part No. - MAAL-007304_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAL-007304-000000 MACOM-MAAL-007304-000000 Datasheet
204Kb / 4P
   Low Noise Amplifier 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MAAL-007304-000000 MA-COM-MAAL-007304-000000 Datasheet
211Kb / 4P
   Low Noise Amplifier 0.5 - 3.0 GHz Rev. V4
logo
Tyco Electronics
MAAL-007304-000SMB MACOM-MAAL-007304-000SMB Datasheet
204Kb / 4P
   Low Noise Amplifier 0.5 - 3.0 GHz
MAAL-007304-001SMB MACOM-MAAL-007304-001SMB Datasheet
204Kb / 4P
   Low Noise Amplifier 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MAAL-007304-001SMB MA-COM-MAAL-007304-001SMB Datasheet
211Kb / 4P
   Low Noise Amplifier 0.5 - 3.0 GHz Rev. V4
More results

Similar Description - MAAL-007304_15

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com