Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4SW610B-1 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SW610B-1
Description  HMIC Silicon SP6T PIN Diode Switch with Integrated Bias Network
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW610B-1 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MA4SW610B-1_16 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW610B-1_16 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW610B-1_16 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW610B-1_16 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW610B-1_16 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW610B-1_16 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SW610B-1_16 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HMIC™ Silicon SP6T PIN Diode Switch
with Integrated Bias Network
Rev. V4
MA4SW610B-1
6
6
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
6
Cleanliness
The chips should be handled in a clean environment
free of dust and organic contamination.
Wire / Ribbon Bonding
Thermo compression wedge bonding using 0.003” x
0.00025” ribbon or 0.001” diameter gold wire is
recommended. A work stage temperature of
150°C - 200°C, tool tip temperature of 120°C - 150°
and a downward force of 18 to 22 grams should be
used. If ultrasonic energy is necessary, it should be
adjusted to the minimum level required to achieve a
good bond. Excessive power or force will fracture
the silicon beneath the bond pad causing it to lift.
RF bond wires and ribbons should be kept as short
as possible for optimum RF performance.
Chip Mounting
HMIC switches have Ti-Pt-Au backside metallization
and can be mounted using a gold-tin eutectic solder
or conductive epoxy. Mounting surface must be free
of contamination and flat.
Eutectic Die Attachment
An 80/20, gold-tin, eutectic solder is recommended.
Adjust the work surface temperature to 255oC and
the tool tip temperature to 265oC. After placing the
chip onto the circuit board re-flow the solder by
applying hot forming gas (95/5 Ni/H) to the top
surface of the chip. Temperature should be
approximately 290oC and not exceed 320oC for
more than 20 seconds. Typically no more than three
seconds is necessary for attachment. Solders rich in
tin should be avoided
Epoxy Die Attachment
A minimum amount of epoxy, 1 - 2 mils thick, should
be used to attach chip. A thin epoxy fillet should be
visible around the outer perimeter of the chip after
placement. Epoxy cure time is typically 1 hour at
150°C.


Similar Part No. - MA4SW610B-1_16

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4SW610B-1 MACOM-MA4SW610B-1 Datasheet
248Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network
logo
M/A-COM Technology Solu...
MA4SW610B-1 MA-COM-MA4SW610B-1 Datasheet
115Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network 2 - 18GHz
MA4SW610B-1 MA-COM-MA4SW610B-1 Datasheet
115Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network
More results

Similar Description - MA4SW610B-1_16

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-006102-1361 MA-COM-MASW-006102-1361 Datasheet
696Kb / 6P
   HMIC Silicon SP6T PIN Diode Switch with Integrated Bias Network
MA4SW410B-1 MA-COM-MA4SW410B-1 Datasheet
784Kb / 6P
   HMIC??Silicon PIN Diode Switch with Integrated Bias Network
MA4SW510B-1 MA-COM-MA4SW510B-1 Datasheet
531Kb / 7P
   HMIC??Silicon PIN Diode Switch with Integrated Bias Network
logo
Tyco Electronics
MA4SW610B-1 MACOM-MA4SW610B-1 Datasheet
248Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network
logo
M/A-COM Technology Solu...
MA4SW610B MA-COM-MA4SW610B_15 Datasheet
115Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network
MA4SW610B-1 MA-COM-MA4SW610B-1 Datasheet
115Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network
MASW011053 MA-COM-MASW011053_15 Datasheet
707Kb / 6P
   HMIC Silicon PIN Diode SP3T Switch with Integrated Bias Network
MASW-011053 MA-COM-MASW-011053 Datasheet
707Kb / 6P
   HMIC Silicon PIN Diode SP3T Switch with Integrated Bias Network
MASW011052 MA-COM-MASW011052_15 Datasheet
703Kb / 6P
   HMIC Silicon PIN Diode SP2T Switch with Integrated Bias Network
MASW-011052 MA-COM-MASW-011052_15 Datasheet
703Kb / 6P
   HMIC Silicon PIN Diode SP2T Switch with Integrated Bias Network
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com