Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV30C5V0J-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # TV30C5V0J-HF
Description  SMD Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV30C5V0J-HF Datasheet(HTML) 3 Page - Comchip Technology

  TV30C5V0J-HF Datasheet HTML 1Page - Comchip Technology TV30C5V0J-HF Datasheet HTML 2Page - Comchip Technology TV30C5V0J-HF Datasheet HTML 3Page - Comchip Technology TV30C5V0J-HF Datasheet HTML 4Page - Comchip Technology TV30C5V0J-HF Datasheet HTML 5Page - Comchip Technology TV30C5V0J-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3
REV:B
QW-JTV09
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
UNI
BI
Maximum
Surge
IPP (A)
Maximum
Clamping
Voltage
VC (V)
Marking
Part No.
Reverse
Leakage
IR (uA)
Peak
Voltage
VRWM (V)
6.40
7.00
50
5000
5.0
9.2
6.67
7.37
50
5000
6.0
10.3
7.22
7.98
50
2000
6.5
11.2
TV30C5V0J(B)-HF
TV30C6V0J(B)-HF
TV30C6V5J(B)-HF
TV30C7V0J(B)-HF
7.78
8.60
50
1000
7.0
12.0
TV30C180J(B)-HF
20.00
22.10
18.0
29.2
TV30C200J(B)-HF
22.20
24.50
20.0
32.4
TV30C220J(B)-HF
24.40
26.90
22.0
35.5
TV30C190J(B)-HF
21.10
23.30
19.0
30.8
TV30C140J(B)-HF
15.60
17.20
14.0
23.2
TV30C150J(B)-HF
16.70
18.50
15.0
24.4
TV30C160J(B)-HF
17.80
19.70
16.0
26.0
TV30C170J(B)-HF
18.90
20.90
17.0
27.6
TV30C100J(B)-HF
11.10
12.30
10.0
17.0
TV30C110J(B)-HF
12.20
13.50
11.0
18.2
TV30C120J(B)-HF
13.30
14.70
12.0
19.9
TV30C130J(B)-HF
14.40
15.90
13.0
21.5
TV30C7V5J(B)-HF
8.33
9.21
5
250
7.5
12.9
TV30C8V0J(B)-HF
8.89
9.83
5
150
8.0
13.6
TV30C8V5J(B)-HF
9.44
10.40
5
50
8.5
14.4
TV30C9V0J(B)-HF
10.00
11.10
5
20
9.0
15.4
(V)
(V)
(mA)
Breakdown voltage
Maximum
@VRWM
Working
Reverse
Current
Reverse
@IPP
VBR @ IT
Code
Device
Min.
IT
Max.
15
2
2
2
TV30C330J(B)-HF
36.70
40.60
5
33.0
53.3
TV30C400J(B)-HF
44.40
49.10
5
40.0
64.5
TV30C430J(B)-HF
47.80
52.80
5
43.0
69.4
TV30C360J(B)-HF
40.00
44.20
5
36.0
58.1
TV30C240J(B)-HF
26.70
29.50
5
24.0
38.9
TV30C260J(B)-HF
28.90
31.90
5
26.0
42.1
TV30C280J(B)-HF
31.10
34.40
5
28.0
45.4
TV30C300J(B)-HF
33.30
36.80
5
30.0
48.4
TV30C580J(B)-HF
TV30C640J(B)-HF
TV30C700J(B)-HF
TV30C600J(B)-HF
TV30C450J(B)-HF
TV30C480J(B)-HF
TV30C510J(B)-HF
TV30C540J(B)-HF
TV30C900J(B)-HF
TV30C111J(B)-HF
TV30C121J(B)-HF
TV30C101J(B)-HF
TV30C750J(B)-HF
TV30C780J(B)-HF
TV30C800J(B)-HF
TV30C850J(B)-HF
64.40
71.20
5
58.0
93.6
71.10
78.60
5
64.0
103.0
77.80
86.00
5
70.0
113.0
66.70
73.70
5
60.0
96.8
50.00
55.30
5
45.0
72.7
53.30
58.90
5
48.0
77.4
56.70
62.70
5
51.0
82.4
60.00
66.30
5
54.0
87.1
100.00
111.00
5
90.0
146.0
122.00
135.00
5
110.0
177.0
133.00
147.00
5
120.0
193.0
111.00
123.00
5
100.0
162.0
83.30
92.10
5
75.0
121.0
86.70
95.80
5
78.0
126.0
88.80
97.60
5
80.0
129.6
94.40
104.00
5
85.0
137.0
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
326.09
291.26
267.86
250.00
232.56
220.59
208.33
194.81
176.47
164.84
150.75
139.53
129.31
122.95
115.38
108.70
102.74
92.59
84.51
77.12
71.26
66.08
61.98
97.47
41.27
38.76
36.41
34.44
32.05
30.99
29.13
26.55
20.55
18.52
16.95
15.54
24.79
23.81
21.90
23.15
51.64
46.51
43.23
56.29
RDE
DDE
RDG
DDG
RDK
DDK
PDM
DDM
PDP
DDP
PDR
DDR
PDT
DDT
PDV
DDV
PDX
DDX
PDZ
DDZ
PEE
DEE
PEG
DEG
PEK
DEK
PEM
DEM
PEP
DEP
PER
DER
PET
DET
PEV
DEV
PEX
DEX
PEZ
DEZ
PFE
DFE
PFG
DFG
PFK
DFK
PEB
DEB
PFV
DFV
PFX
DFX
PFZ
DFZ
RGE
DGE
PGG
DGG
PGK
DGK
PGM
DGM
PGP
DGP
PGX
DGX
PGZ
DGZ
PHE
DHE
PHG
DHG
PGR
DGR
PGT
DGT
PGV
DGV
PGB
DGB
PFP
DFP
PFR
DFR
PFT
DFT
PFM
DFM
Electrical Characteristics (
)
TV30C5V0-HF Thru. TV30C441-HF
5
5
5
5
5
5
5
5
5
5
5
5
SMD Transient Voltage Suppressor


Similar Part No. - TV30C5V0J-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV30C5V0J-G COMCHIP-TV30C5V0J-G Datasheet
1Mb / 4P
   SMD TRANSLENT VOLTAGE SUPPRESSOR
More results

Similar Description - TV30C5V0J-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com