Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD1036F Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TPD1036F
Description  2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1036F Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TPD1036F_13 Datasheet HTML 1Page - Toshiba Semiconductor TPD1036F_13 Datasheet HTML 2Page - Toshiba Semiconductor TPD1036F_13 Datasheet HTML 3Page - Toshiba Semiconductor TPD1036F_13 Datasheet HTML 4Page - Toshiba Semiconductor TPD1036F_13 Datasheet HTML 5Page - Toshiba Semiconductor TPD1036F_13 Datasheet HTML 6Page - Toshiba Semiconductor TPD1036F_13 Datasheet HTML 7Page - Toshiba Semiconductor TPD1036F_13 Datasheet HTML 8Page - Toshiba Semiconductor TPD1036F_13 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TPD1036F
2013-12-26
7
IS – Tch
IS – VIN
tON, tOFF – Tch
VIN = 5 V
0
−80
2
40
160
1
−40
3
120
4
5
0
80
Tch = 25°C
0
0
2
8
1
2
3
4
5
4
6
VDD = 13 V
VIN = 5 V
ID = 0.7 A
0
−80
40
160
20
−40
40
120
0
80
tOFF
tON
60
PD – Ta
Channel temperature Tch (°C)
Input voltage VIN (V)
Channel temperature Tch (°C)
DC
Mount on glass epoxy boad
[25.4
× 25.4 × 0.8mm]
(with the two devices driving)
0
0
1.0
40
120
200
2.5
0.5
80
1.5
2.0
160
t
= 10 s
Ambient temperature Ta (°C)


Similar Part No. - TPD1036F_13

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1036F TOSHIBA-TPD1036F Datasheet
190Kb / 9P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
More results

Similar Description - TPD1036F_13

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1036F TOSHIBA-TPD1036F Datasheet
190Kb / 9P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1039F TOSHIBA-TPD1039F Datasheet
262Kb / 10P
   Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1032F TOSHIBA-TPD1032F Datasheet
199Kb / 7P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1032F TOSHIBA-TPD1032F_13 Datasheet
199Kb / 7P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1046F TOSHIBA-TPD1046F_13 Datasheet
289Kb / 11P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1046F TOSHIBA-TPD1046F Datasheet
283Kb / 11P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1030F TOSHIBA-TPD1030F_13 Datasheet
175Kb / 6P
   2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1030F TOSHIBA-TPD1030F_07 Datasheet
175Kb / 6P
   2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1030F TOSHIBA-TPD1030F Datasheet
112Kb / 5P
   2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
   High-side Power Switch for Motor, Solenoid and Lamp Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com