Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC90107FG Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TC90107FG
Description  Single Channel Video Decoder
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC90107FG Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TC90107FG Datasheet HTML 6Page - Toshiba Semiconductor TC90107FG Datasheet HTML 7Page - Toshiba Semiconductor TC90107FG Datasheet HTML 8Page - Toshiba Semiconductor TC90107FG Datasheet HTML 9Page - Toshiba Semiconductor TC90107FG Datasheet HTML 10Page - Toshiba Semiconductor TC90107FG Datasheet HTML 11Page - Toshiba Semiconductor TC90107FG Datasheet HTML 12Page - Toshiba Semiconductor TC90107FG Datasheet HTML 13Page - Toshiba Semiconductor TC90107FG Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Summary
TC90107FG
Page 10
Rev.1.00
2015/11/24
6.
Absolute maximum rating
The absolute maximum ratings are rated values which must not be exceeded during operation, even for an instant.
Exceeding the absolute maximum ratings may result in destruction, degradation or other damage to the IC and other
components. When designing applications for this IC, be sure that none of the absolute maximum rating values will ever
be exceeded.
Characteristics
Terminal No.
Symbol
Rating
Unit
Power voltage1 (1.5 V)
3, 16, 30
VDD1
-0.3 to VSS + 2.0
V
Power voltage2 (2.5 V)
43, 54
VDD2
-0.3 to VSS + 3.5
V
Power voltage3 (3.3 V)
14, 29, 35, 39
VDD3
-0.3 to VSS + 3.9
V
Input voltage (2.5 V)
48, 50, 57, 59
VIN2
-0.3 to VDD2 + 0.3
V
Input voltage (3.3 V)
1, 33
VIN3
-0.3 to VDD3 + 0.3
V
Input voltage
(3.3 V system, 5 V withstand voltage)
2, 61, 62
VIN4 (Note.1)
-0.3 to VSS + 5.5
V
Potential difference between power pins
(between 1.5 V system power pins)
-
ΔVDG1 (Note.2)
0.3
V
Potential difference between power pins
(between 2.5 V system power pins)
-
ΔVDG2 (Note.2)
0.3
V
Potential difference between power pins
(between 3.3 V system power pins)
-
ΔVDG3 (Note.2)
0.3
V
Power dissipation
-
PD
(Note.3)
1739
mW
Storage temperature
-
Tstg
-40 to 125
°C
Note1: The withstand voltage for pins (SDA, SCL, RESET) is 5 V.
Note2: For each of 1.5 V and 2.5 V and 3.3 V, system power supply terminal is made into the same voltage.
The maximum potential difference should not exceed rating for all power supply terminals then.
In addition, potential difference between all VSS terminal must be under 0.01 V in this status.
Note3: If you intended to use a temperature higher than Ta = 25°C, reduce by 17.39 mW per one degree (°C) increase.
The case of Ta = 85°C, power dissipation is 696 mW.
Power dissipation [mW]
LQFP64-P-1010-0.50A 許容損失
696
0
1739
0
1000
2000
0
25
50
75
100
125
周囲温度 Ta[℃]
Power dissipation characteristics
Power
Dissipation
PD [mW]
Ambient air temperature


Similar Part No. - TC90107FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC90101FG TOSHIBA-TC90101FG Datasheet
393Kb / 36P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC90104AFG TOSHIBA-TC90104AFG Datasheet
750Kb / 16P
   Multi System Video Decoder
TC90104FG TOSHIBA-TC90104FG Datasheet
879Kb / 18P
   Multi System Video Decoder IC
TC90105FG TOSHIBA-TC90105FG Datasheet
536Kb / 18P
   Dual channel Video Decoder
TC90106FG TOSHIBA-TC90106FG Datasheet
726Kb / 18P
   Multi System Video Decoder for Component input
More results

Similar Description - TC90107FG

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM5900 DAVICOM-DM5900 Datasheet
63Kb / 3P
   1-Channel Video Decoder
logo
Synaptics Incorporated.
CX25850 CONEXANT-CX25850 Datasheet
187Kb / 2P
   Multi-Channel Video Decoder
logo
Toshiba Semiconductor
TC90105FG TOSHIBA-TC90105FG Datasheet
536Kb / 18P
   Dual channel Video Decoder
logo
Davicom Semiconductor, ...
DM5150 DAVICOM-DM5150 Datasheet
62Kb / 3P
   1-Channel Video Decoder
DM5960 DAVICOM-DM5960 Datasheet
67Kb / 3P
   1-Channel 960H Video Decoder
logo
Asahi Kasei Microsystem...
AK8857VQ AKM-AK8857VQ Datasheet
1Mb / 105P
   Dual Channel Digital Video Decoder
logo
Davicom Semiconductor, ...
DM5160 DAVICOM-DM5160 Datasheet
62Kb / 3P
   1-Channel 960H Video Decoder
logo
List of Unclassifed Man...
MIK2152 ETC2-MIK2152 Datasheet
384Kb / 17P
   Video Decoder
logo
Hynix Semiconductor
GDC21D401B HYNIX-GDC21D401B Datasheet
694Kb / 28P
   Video Decoder
logo
Synaptics Incorporated.
CX25843 CONEXANT-CX25843 Datasheet
260Kb / 4P
   Single-Chip Broadcast Audio/Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com