Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV065V0J-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # TV065V0J-HF
Description  SMD Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV065V0J-HF Datasheet(HTML) 4 Page - Comchip Technology

  TV065V0J-HF Datasheet HTML 1Page - Comchip Technology TV065V0J-HF Datasheet HTML 2Page - Comchip Technology TV065V0J-HF Datasheet HTML 3Page - Comchip Technology TV065V0J-HF Datasheet HTML 4Page - Comchip Technology TV065V0J-HF Datasheet HTML 5Page - Comchip Technology TV065V0J-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SMD Transient Voltage Suppressor
Page 4
Comchip Technology CO., LTD.
QW-JTV02
REV:D
Electrical Characteristics (
)
TV06B5V0-HF Thru. TV06B441-HF
UNI
BI
Maximum
Surge
IPP (A)
Maximum
Clamping
Voltage
VC (V)
Marking
Part No.
Reverse
Leakage
IR (uA)
Peak
Voltage
VRWM (V)
144.0
159.0
1
130.0
209.0
155.0
171.0
1
140.0
226.8
167.0
185.0
1
150.0
243.0
TV06B131J(B)-HF
TV06B141J(B)-HF
TV06B151J(B)-HF
TV06B161J(B)-HF
178.0
197.0
1
160.0
259.0
TV06B221J(B)-HF
246.0
272.0
1
220.0
356.0
TV06B251J(B)-HF
279.0
309.0
1
250.0
405.0
TV06B301J(B)-HF
335.0
371.0
1
300.0
486.0
TV06B351J(B)-HF
391.0
432.0
1
350.0
567.0
TV06B171J(B)-HF
189.0
209.0
1
170.0
275.0
TV06B181J(B)-HF
200.0
220.0
1
180.0
291.6
TV06B191J(B)-HF
211.0
232.0
1
190.0
307.8
TV06B201J(B)-HF
224.0
247.0
1
1.0
200.0
324.0
(V)
(V)
(mA)
Breakdown voltage
Maximum
@VRWM
Working
Reverse
Current
Reverse
@IPP
VBR @ IT
Code
Device
Min.
IT
Max.
1.0
1.0
1.0
1.0
1) Suffix J denotes 5% tolerance devices.
2) Suffix B after part number to specify Bi-directional devices.
3) For Bi-Directional devices having VR of 10 volts and under, the IR limit is double.
Note:
1.0
1.0
1.0
1.0
1.0
1.0
1.0
447.0
494.0
1
400.0
648.0
492.0
543.0
1
440.0
713.0
TV06B401J(B)-HF
TV06B441J(B)-HF
1.0
1.0
2.87
2.47
2.65
2.32
2.06
1.95
1.85
1.69
1.48
1.23
1.06
0.93
0.84
2.18
PK
EK
PM
EM
PB
EB
PP
EP
PT
ET
PV
EV
PW
EW
PX
EX
PZ
EZ
QE
FE
QG
FG
QK
FK
QM
FM
PR
ER
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - TV065V0J-HF

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
TV0605BA-1000FN-83 BARRY-TV0605BA-1000FN-83 Datasheet
118Kb / 1P
   All Terminations by CW Power
Rev.E 08/31/09
TV0605BA-1000FN-90 BARRY-TV0605BA-1000FN-90 Datasheet
118Kb / 1P
   All Terminations by CW Power
Rev.E 08/31/09
TV0605BA-1000FN-91 BARRY-TV0605BA-1000FN-91 Datasheet
118Kb / 1P
   All Terminations by CW Power
Rev.E 08/31/09
TV0605BA-1000FN-93 BARRY-TV0605BA-1000FN-93 Datasheet
118Kb / 1P
   All Terminations by CW Power
Rev.E 08/31/09
TV0605BA-1000FN-95 BARRY-TV0605BA-1000FN-95 Datasheet
118Kb / 1P
   All Terminations by CW Power
Rev.E 08/31/09
More results

Similar Description - TV065V0J-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com