Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC90105FG Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC90105FG
Description  Dual channel Video Decoder
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC90105FG Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC90105FG Datasheet HTML 4Page - Toshiba Semiconductor TC90105FG Datasheet HTML 5Page - Toshiba Semiconductor TC90105FG Datasheet HTML 6Page - Toshiba Semiconductor TC90105FG Datasheet HTML 7Page - Toshiba Semiconductor TC90105FG Datasheet HTML 8Page - Toshiba Semiconductor TC90105FG Datasheet HTML 9Page - Toshiba Semiconductor TC90105FG Datasheet HTML 10Page - Toshiba Semiconductor TC90105FG Datasheet HTML 11Page - Toshiba Semiconductor TC90105FG Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Summary
TC90105FG
©2015 TOSHIBA CORPORATION
Page 8
Rev.1.00
2015/11/11
5.2.3
Input signal and pin list
The correspondence incoming signal format for every input terminal is indicated to the following tables.
An input terminal and corresponding core are also indicated simultaneously.
Correspondence
Core
Signal format
Input terminal
CVBS
Y/C separate
signal
Core-A
CVBS1
-
YIN
(Y)
Core-B
CVBS2
-
CIN
-
(C)
5.2.4
AGC (Auto Gain Control) function
GCA (Gain Control Amplifier) is built in, it is combination with a digital AGC function, and it is possible to use an AGC
function to a CVBS input and Y input.
There are two kinds of AGC functions, AGC auto mode and manual gain mode.
If a GCA function is used, the 1.0 Vp-p standard input of CVBS will become possible.
5.2.5
LPF (Low Pass Filter) function
LPF for Anti-alasing is built in the preceding paragraph of GCA, and ON and through channel selection can be
performed.
System : 4th Butterworth filter
Frequency characteristic : -1 dB @6 MHz, -14 dB @13.5 MHz (design value)


Similar Part No. - TC90105FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC90101FG TOSHIBA-TC90101FG Datasheet
393Kb / 36P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC90104AFG TOSHIBA-TC90104AFG Datasheet
750Kb / 16P
   Multi System Video Decoder
TC90104FG TOSHIBA-TC90104FG Datasheet
879Kb / 18P
   Multi System Video Decoder IC
TC90106FG TOSHIBA-TC90106FG Datasheet
726Kb / 18P
   Multi System Video Decoder for Component input
TC90107FG TOSHIBA-TC90107FG Datasheet
626Kb / 15P
   Single Channel Video Decoder
More results

Similar Description - TC90105FG

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8857VQ AKM-AK8857VQ Datasheet
1Mb / 105P
   Dual Channel Digital Video Decoder
logo
Davicom Semiconductor, ...
DM5900 DAVICOM-DM5900 Datasheet
63Kb / 3P
   1-Channel Video Decoder
logo
Synaptics Incorporated.
CX25850 CONEXANT-CX25850 Datasheet
187Kb / 2P
   Multi-Channel Video Decoder
logo
Toshiba Semiconductor
TC90107FG TOSHIBA-TC90107FG Datasheet
626Kb / 15P
   Single Channel Video Decoder
logo
Davicom Semiconductor, ...
DM5150 DAVICOM-DM5150 Datasheet
62Kb / 3P
   1-Channel Video Decoder
DM5960 DAVICOM-DM5960 Datasheet
67Kb / 3P
   1-Channel 960H Video Decoder
DM5160 DAVICOM-DM5160 Datasheet
62Kb / 3P
   1-Channel 960H Video Decoder
logo
List of Unclassifed Man...
MIK2152 ETC2-MIK2152 Datasheet
384Kb / 17P
   Video Decoder
logo
Hynix Semiconductor
GDC21D401B HYNIX-GDC21D401B Datasheet
694Kb / 28P
   Video Decoder
logo
NXP Semiconductors
SAA7162E NXP-SAA7162E Datasheet
133Kb / 18P
   PCI Express based dual channel multistandard audio and video decoder
Rev. 02-13 August 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com